Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4803 Datasheet (PDF) - Anaren Microwave

MSK4803 Datasheet PDF - Anaren Microwave
Part # MSK4803
Download  MSK4803 Download
File Size   537.53 Kbytes
Page   8 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description 600V / 600A HALF BRIDGE PEM

MSK4803 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4803 Datasheet PDF - Anaren Microwave

Part # MSK4803
Download  MSK4803 Click to download

File Size   537.53 Kbytes
Page   8 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description 600V / 600A HALF BRIDGE PEM

MSK4803 Datasheet (HTML) - Anaren Microwave




Similar Part No. - MSK4803

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4803 MSK-MSK4803_15 Datasheet
935Kb / 8P
600A Continuous Output Current
More results


Similar Description - MSK4803

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP600D060 POWEREX-PP600D060 Datasheet
362Kb / 6P
POW-R-PAK 600A / 600V Half Bridge IGBT Assembly
logo
M.S. Kennedy Corporatio...
MSK4800H MSK-MSK4800H Datasheet
718Kb / 5P
600V/450A HALF BRIDGE PEM
MSK4801H MSK-MSK4801H Datasheet
632Kb / 6P
600V/600A HALF BRIDGE PEM
MSK4850H MSK-MSK4850H Datasheet
849Kb / 5P
600V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4851H MSK-MSK4851H Datasheet
867Kb / 5P
600V/200A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4890H MSK-MSK4890H Datasheet
794Kb / 5P
600V/300A SCR/REGEN PEM
MSK4810 MSK-MSK4810 Datasheet
1Mb / 5P
1200V/450A HALF BRIDGE PEM
logo
Anaren Microwave
MSK4800 ANAREN-MSK4800 Datasheet
821Kb / 8P
600V/450A HALF BRIDGE PEM
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
1200V/100A SiC HALF BRIDGE PEM
logo
Princeton Technology Co...
PT5606 PTC-PT5606 Datasheet
537Kb / 4P
600V Half-bridge driver IC
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com