Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7715H Datasheet (PDF) - NXP Semiconductors

SAA7715H Datasheet PDF - NXP Semiconductors
Part # SAA7715H
Download  SAA7715H Download
File Size   180.79 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Signal Processor

SAA7715H Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7715H Datasheet PDF - NXP Semiconductors

Part # SAA7715H
Download  SAA7715H Click to download

File Size   180.79 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Signal Processor

SAA7715H Datasheet (HTML) - NXP Semiconductors


SAA7715H Product details

GENERAL DESCRIPTION
The SAA7715 is a cost effective and powerful high performance 24-bit programmable DSP for a variety of digital audio applications. This DSP device integrates a 24-bit DSP core with programmable memories (program RAM/ROM, data and coefficient RAM), 4 digital serial inputs, 4 digital serial outputs, 2 separate SPDIF receivers, a stereo FSDAC, a standard Philips I2C-bus interface, a phase-locked loop for the DSP clock generation and a second phase-locked loop for system clock generation (internal and external DAC clocks).

FEATURES
Hardware
• 24-bit Philips 70 MIPS DSP core (24-bit data path and 12/24-bit coefficient path)
• 1.5 kbyte of downloadable DSP program memory (PRAM)
• 2 kbyte of DSP program memory (PROM)
• 2.5 kbyte of re-programmable DSP data memory (XRAM)
• 512 byte of re-programmable DSP coefficient memory (YRAM)
• Four stereo digital serial inputs (8 channels) with common BCK and WS. To these inputs the I2S-bus format or LSB-justified formats can be applied
• One stereo bitstream DAC (2 channels) with 64 fold oversampling and noise shaping
• Selectable clock output (pin SYSCLK) for external slave devices (512fs to 128fs)
• Four stereo digital serial outputs (8 channels) with selectable I2S-bus or LSB-justified format
• Two SPDIF inputs combined with digital serial input
• On-board WS_PLL generates clock for on-board DAC and output pin SYSCLK
• I2C-bus controlled (including fast mode)
• Programmable Phase-Locked Loop (PLL) derives the clock for the DSP from the CLK_IN input
• −40 to +85 °C operating temperature range
• supply voltage only 3.3 V
• All digital inputs are tolerant for 5 V input levels
• Power-down mode for low current consumption in standby mode
• Optimized pinning for applications with other Philips DACs (such as UDA1334, UDA1355 and UDA1328).
(Continue ...)

APPLICATIONS
• As co-processor for a car radio DSP in a car radio application for additional acoustic enhancements (sound steering/sound elevation/signal processing)
• Multichannel audio: in DVD and Home theatre applications as post-processing device like signal virtualisation (virtual 3D surround) and acoustic enhancement, tone control, volume control and equalizers
• Multichannel decoding: Dolby Pro Logic and virtual 3D surround
• PC/USB audio applications: stereo widening (Incredible surround), sound steering, sound positioning and speaker equalization.




Similar Part No. - SAA7715H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7710T PHILIPS-SAA7710T Datasheet
187Kb / 28P
Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
SAA7710T/N104 PHILIPS-SAA7710T/N104 Datasheet
187Kb / 28P
Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
SAA7712 PHILIPS-SAA7712 Datasheet
178Kb / 44P
Sound effects DSP
1999 Aug 05
SAA7712H PHILIPS-SAA7712H Datasheet
178Kb / 44P
Sound effects DSP
1999 Aug 05
More results


Similar Description - SAA7715H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
DIGITAL SIGNAL PROCESSOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com