Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1611A Datasheet (PDF) - Cirrus Logic

CS1611A Datasheet PDF - Cirrus Logic
Part # CS1611A
Download  CS1611A Download
File Size   264.51 Kbytes
Page   18 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description TRIAC Dimmable LED Driver IC

CS1611A Datasheet (PDF)

Go To PDF Page Download Datasheet
CS1611A Datasheet PDF - Cirrus Logic

Part # CS1611A
Download  CS1611A Click to download

File Size   264.51 Kbytes
Page   18 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description TRIAC Dimmable LED Driver IC

CS1611A Datasheet (HTML) - Cirrus Logic


CS1611A Product details

Overview
The CS1610A/1A/12A/13A is a digital control IC engineered to deliver a high-efficiency, cost-effective, flicker-free, phase dimmable, solid-state lighting (SSL) solution for the incandescent lamp-replacement market. The CS1610A/11A is designed to control a quasi-resonant flyback topology. The CS1612A/13A is designed to control a buck topology. The CS1610A/12A and CS1611A/13A are designed for 120VAC and 230VAC line voltage applications, respectively.

Features
• Best-in-class Dimmer Compatibility
    - Leading-edge (TRIAC) Dimmers
    - Trailing-edge Dimmers
    - Center-cut Dimmers
    - Digital Dimmers (with Integrated Power Supply)
• Up to 90% Efficiency
• Optimized for ≤ 25W Input Power
• Flicker-free Dimming
• 0% Minimum Dimming Level
• Quasi-resonant Second Stage with Constant-current Output
    - Flyback and Buck
• Fast Startup
• Tight LED Current Regulation: Better than ±5%
• Primary-side Regulation (PSR)
• >0.9 Power Factor
• IEC-61000-3-2 Compliant
• NEMA SSL6 Compatible
• Soft Start
• Protections:
    - Output Open/Short
    - Current-sense Resistor Open/Short
    - External Overtemperature Using NTC

Applications
• Dimmable Retrofit LED Lamps
• Dimmable LED Luminaries
• Offline LED Drivers
• Commercial Lighting




Similar Part No. - CS1611A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1611 APEX-CS1611 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
CS1611 CIRRUS-CS1611 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
More results


Similar Description - CS1611A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
CS1630 APEX-CS1630 Datasheet
699Kb / 56P
2-Channel TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
18W Triac Dimmable LED Driver
logo
Cirrus Logic
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com