Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2709T Datasheet (PDF) - NEC

UPC2709T Datasheet PDF - NEC
Part # UPC2709T
Download  UPC2709T Download
File Size   96.88 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER

UPC2709T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2709T Datasheet PDF - NEC

Part # UPC2709T
Download  UPC2709T Click to download

File Size   96.88 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER

UPC2709T Datasheet (HTML) - NEC


UPC2709T Product details

DESCRIPTION

The UPC2709T and UPC2712T are Silicon Monolithic integrated circuits manufactured using the NESAT III process. These devices are suitable as buffer amplifiers for wide-band applications. They are designed for low cost gain stages in cellular radios, GPS receivers, DBS tuners, PCN, and test/

measurement equipment.



FEATURES

• WIDE FREQUENCY RESPONSE: 2.5 GHz

• HIGH GAIN:23 dB (UPC2709T)

• SATURATED OUTPUT POWER: +11.5 dBm (UPC2709T)

• INTERNAL CURRENT REGULATION MINIMIZES GAIN CHANGE OVER TEMPERATURE

• 5 V SINGLE SUPPLY VOLTAGE

• SUPER SMALL PACKAGE

• TAPE AND REEL PACKAGING OPTION AVAILABLE




Similar Part No. - UPC2709T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2709T NEC-UPC2709T Datasheet
95Kb / 6P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2709T RENESAS-UPC2709T Datasheet
313Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC2709T-E3 RENESAS-UPC2709T-E3 Datasheet
313Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
logo
NEC
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2709TB CEL-UPC2709TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Similar Description - UPC2709T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM28000-A1 MACOM-MAAM28000-A1 Datasheet
126Kb / 2P
Wide Band GaAs MMIC Amplifier 2-8 GHz
logo
NEC
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
WIDE BAND UHF SILICON MMIC AMPLIFIER
UPC1656 NEC-UPC1656 Datasheet
40Kb / 3P
850 MHz WIDE-BAND SILICON MMIC AMPLIFIER
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
Wide band MMIC Amplifier
January 2015
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com