Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9782 Datasheet (PDF) - Analog Devices

AD9782 Datasheet PDF - Analog Devices
Part # AD9782
Download  AD9782 Download
File Size   1619.38 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing

AD9782 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9782 Datasheet PDF - Analog Devices

Part # AD9782
Download  AD9782 Click to download

File Size   1619.38 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing

AD9782 Datasheet (HTML) - Analog Devices


AD9782 Product details

PRODUCT DESCRIPTION
The AD9782 is a 12-bit, high speed, CMOS DAC with 2×/4×/8× interpolation and signal processing features tuned for communications applications. It offers state of the art distortion and noise performance. The AD9782 was developed to meet the demanding performance requirements of multicarrier and third generation base stations. The selectable interpolation filters simplify interfacing to a variety of input data rates while also taking advantage of oversampling performance gains. The modulation modes allow convenient bandwidth placement and selectable sideband suppression.

FEATURES
   12-bit resolution, 200 MSPS input data rate
   Selectable 2×/4×/8× interpolation filters
   Selectable fDAC/2, fDAC/4, fDAC/8 modulation modes
   Single or dual-channel signal processing
   Selectable image rejection Hilbert transform
   Flexible calibration engine
   Direct IF transmission features
   Serial control interface
   Versatile clock and data interface
   SFDR 90 dBc @10 MHz
   WCDMA ACLR = 80 dBc @ 40 MHz IF
   DNL = ±0.75 LSB
   INL = ±1.5 LSB
   3.3 V compatible digital Interface
   On-chip 1.2 V reference
   80-lead thermally enhanced TQFP package

APPLICATIONS
   Digital quadrature modulation architectures
   Multicarrier WCDMA, GSM, TDMA, DCS,
      PCS, CDMA Systems




Similar Part No. - AD9782

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
More results


Similar Description - AD9782

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
340Kb / 30P
14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV.0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
AD9774 AD-AD9774 Datasheet
313Kb / 24P
14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV.B
AD9786 AD-AD9786 Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
AD9786BSVZ AD-AD9786BSVZ Datasheet
1Mb / 56P
16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com