Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1704-T Datasheet (PDF) - ams AG

AS1704-T Datasheet PDF - ams AG
Part # AS1704-T
Download  AS1704-T Download
File Size   187.58 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.6W Single-Channel Audio Power Amplifiers

AS1704-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1704-T Datasheet PDF - ams AG

Part # AS1704-T
Download  AS1704-T Click to download

File Size   187.58 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.6W Single-Channel Audio Power Amplifiers

AS1704-T Datasheet (HTML) - ams AG


AS1704-T Product details

General Description

The AS1702 - AS1705 are single-channel differential audio power-amplifiers designed to drive 4 and 8Ω loads. The integrated gain circuitry of these amplifiers and their small size make them ideal for 2.7- to 5V-powered portable audio devices. The differential input design improves noise rejection and provides common-mode rejection. A bridge-tied load (BTL) design minimizes external component count, while providing high-fidelity audio power amplification.



Key Features

2.7 to 5.5V (VCC) Single-Supply Operation

THD+N: 1.8W into 4Ω at 1% (per Channel)

Differential Input

Adjustable Gain Option (AS1702)

Internal Fixed Gain to Reduce External Component Count (AS1703, AS1704, AS1705)

<100nA Low-Power Shutdown Mode

Click and Pop Suppression

Pin-Compatible to National Semiconductor LM4895 (AS1705) and Maxim MAX9718A/B/C/D

Operating Temperature Range: -40 to +85ºC

Package Types

  - 10-pin MSOP

  - 10-pin DFN



Applications

The devices are ideal as audio front-ends for battery powered audio devices such as MP3 and CD players, mobile phones, PDAs, portable DVD players, and any other hand-held battery-powered device.




Similar Part No. - AS1704-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1704-T AMSCO-AS1704-T Datasheet
439Kb / 20P
1.8W Single-Channel Audio Power Amplifiers
More results


Similar Description - AS1704-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
1.6W AUDIO AMPLIFIER
Mar-1995
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
1.6W AUDIO AMPLIFIER
May-1997
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
Dual 5.8W Audio Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
1.6W Audio Power Amplifiers
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1702 AMSCO-AS1702_1 Datasheet
439Kb / 20P
1.8W Single-Channel Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
Audio Power Amplifiers (Continued)
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com