Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX5316QTA Datasheet (PDF) - Diodes Incorporated

BCX5316QTA Datasheet PDF - Diodes Incorporated
Part # BCX5316QTA
Download  BCX5316QTA Download
File Size   316.41 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V PNP MEDIUM POWER TRANSISTOR

BCX5316QTA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX5316QTA Datasheet PDF - Diodes Incorporated

Part # BCX5316QTA
Download  BCX5316QTA Click to download

File Size   316.41 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V PNP MEDIUM POWER TRANSISTOR

BCX5316QTA Datasheet (HTML) - Diodes Incorporated


BCX5316QTA Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirements of automotive applications.

Features
• BVCEO > -80V
• IC = -1A Continuous Collector Current
• ICM = -2A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
• Complementary NPN Types: BCX5616Q
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. "Green" Device (Note 3)
• The BCX5316Q is suitable for automotive applications
   requiring specific change control; this part is AEC-Q101
   qualified, PPAP capable, and manufactured in IATF16949
   certified facilities.
   https://www.diodes.com/quality/product-definitions/

Applications
• Automotive
• Medium Power Switching or Amplification Applications
• AF Driver and Output Stages




Similar Part No. - BCX5316QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
More results


Similar Description - BCX5316QTA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1189 ROHM-2SB1189 Datasheet
69Kb / 3P
Medium power transistor (-80V, -0.7A)
2SD1767 ROHM-2SD1767 Datasheet
71Kb / 3P
Medium power transistor (80V, 0.7A)
logo
List of Unclassifed Man...
2SB889F ETC1-2SB889F Datasheet
38Kb / 1P
MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
Rohm
2SB1189 ROHM-2SB1189_10 Datasheet
141Kb / 3P
Medium power transistor(-80V, -0.7A)
2SB1238TV2R ROHM-2SB1238TV2R Datasheet
99Kb / 3P
Medium power transistor(80V, 0.7A)
logo
Diodes Incorporated
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
BSR33 DIODES-BSR33_15 Datasheet
294Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
BCP5616Q DIODES-BCP5616Q Datasheet
380Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR
Rev 3
BCP5316Q DIODES-BCP5316Q Datasheet
406Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
BSR33 DIODES-BSR33 Datasheet
293Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
November 2013 Rev. 5 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com