Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG604E Datasheet (PDF) - Vishay Siliconix

DG604E Datasheet PDF - Vishay Siliconix
Part # DG604E
Download  DG604E Download
File Size   273.35 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description The DG604E operating temperature range is specified from

DG604E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG604E Datasheet PDF - Vishay Siliconix

Part # DG604E
Download  DG604E Click to download

File Size   273.35 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description The DG604E operating temperature range is specified from

DG604E Datasheet (HTML) - Vishay Siliconix


DG604E Product details

• Ultra low charge injection
(less than ± 0.4 pC, typ. over the full analog
signal range)
• Leakage current < 0.5 nA max. at 85 °C
(for DG604EEQ-T1-GE4)
• Low switch capacitance (CS(off), 4.2 pF typ.)
• Fully specified with single supply operation at 3 V, 5 V, and
dual supplies at ± 5 V
• CMOS / TTL compatible
• 414 MHz, -3 dB bandwidth
• Excellent isolation and crosstalk performance
(typ. > -60 dB at 10 MHz)
• Fully specified from -40 °C to +85 °C and -40 °C to +125 °C
• 14 pin TSSOP and 16 pin miniQFN package
(1.8 mm x 2.6 mm)




Similar Part No. - DG604E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG604EN-T1-E4 VISHAY-DG604EN-T1-E4 Datasheet
190Kb / 10P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
24-Dec-07
DG604EN-T1-E4 VISHAY-DG604EN-T1-E4 Datasheet
215Kb / 12P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
DG604EN-T1-E4 VISHAY-DG604EN-T1-E4 Datasheet
242Kb / 13P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
DG604EQ-T1-E3 VISHAY-DG604EQ-T1-E3 Datasheet
190Kb / 10P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
24-Dec-07
DG604EQ-T1-E3 VISHAY-DG604EQ-T1-E3 Datasheet
215Kb / 12P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
More results


Similar Description - DG604E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG636E VISHAY-DG636E Datasheet
315Kb / 17P
0.3 pC Charge Injection, 100 pA Leakage CMOS ± 5 V / 5 V / 3 V Dual SPDT Analog Switch
09-Oct-17
logo
PHOENIX CONTACT
2203126 PHOENIX-2203126 Datasheet
54Kb / 2P
Item is from the HCS product range
2203137 PHOENIX-2203137 Datasheet
51Kb / 2P
Item is from the HCS product range
2203142 PHOENIX-2203142 Datasheet
55Kb / 2P
Item is from the HCS product range
2203160 PHOENIX-2203160 Datasheet
53Kb / 2P
Item is from the HCS product range
2203163 PHOENIX-2203163 Datasheet
54Kb / 2P
Item is from the HCS product range
2200522 PHOENIX-2200522 Datasheet
52Kb / 2P
Item is from the ME product range
2200930 PHOENIX-2200930 Datasheet
51Kb / 2P
Item is from the UM-ALU product range
2200974 PHOENIX-2200974 Datasheet
51Kb / 2P
Item is from the UM-ALU product range
2202465 PHOENIX-2202465 Datasheet
42Kb / 1P
Item is from the ME product range
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com