Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX017 Datasheet (PDF) - List of Unclassifed Manufacturers

CMX017 Datasheet PDF - List of Unclassifed Manufacturers
Part # CMX017
Download  CMX017 Download
File Size   372.76 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description UHF FM/FSK Transmitter

CMX017 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMX017 Datasheet PDF - List of Unclassifed Manufacturers

Part # CMX017
Download  CMX017 Click to download

File Size   372.76 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description UHF FM/FSK Transmitter

CMX017 Datasheet (HTML) - List of Unclassifed Manufacturers


CMX017 Product details

[MX-COM]

The CMX017 is a single chip UHF FM/FSK transmitter that combines both the RF VCO Modulator and RF Power Amplifier. It is suitable for both audio FM and digital FSK transmissions.

Features
• Direct FM/FSK UHF Modulator
• Adjustable Modulator Output Power
• Integrated Power Amplifier with Output Power up to +20dBm (100mW)
• Low Power 2.7V Operation
• Powersave and Zero-Power (<10µA) Modes
• 28-Pin SSOP Package

Applications
• General Radio Link 860-965MHz
• General 915MHz ISM Band (USA)
• Spread Spectrum Wireless Systems
• Fixed Frequency Transmissions
• Analog/Digital Cordless Phones
• Handheld Data Terminals
• SO-HO Wireless Data Links




Similar Part No. - CMX017

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
UHF FM/FSK Transmitter
More results


Similar Description - CMX017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX018 ETC-CMX018 Datasheet
343Kb / 13P
UHF FM/FSK Receiver
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
logo
List of Unclassifed Man...
TH7107 ETC2-TH7107 Datasheet
392Kb / 14P
FSK/FM/ASK Transmitter
logo
ATMEL Corporation
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
UHF ASK/FSK TRANSMITTER
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
UHF ASK/FSK Transmitter
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
UHF FM/FSK Transmitter
CMX018 CMLMICRO-CMX018 Datasheet
870Kb / 15P
UHF FM/FSK Receiver
logo
ATMEL Corporation
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
UHF ASK/FSK Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com