Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPLA-32 Datasheet (PDF) - Vishay Siliconix

IPLA-32 Datasheet PDF - Vishay Siliconix
Part # IPLA-32
Download  IPLA-32 Download
File Size   276.41 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Planar Choke Inductor

IPLA-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPLA-32 Datasheet PDF - Vishay Siliconix

Part # IPLA-32
Download  IPLA-32 Click to download

File Size   276.41 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Planar Choke Inductor

IPLA-32 Datasheet (HTML) - Vishay Siliconix


IPLA-32 Product details

• For high power density DC/DC converter application
• High current capabilities
• Very stable performances versus temperature
• Very compact design (low profile and weight)
• Low EMI, magnetically shielded
• High self-resonance frequency
• Recommended frequency range (100 kHz; 800 kHz)
• Operating temperature range:
-55 °C; 125 °C with heatsink dissipation
• Flexible pin out design (tapped output terminals,
layout, …)
• Material temperature grade: 180 °C
• Custom design on request




Similar Part No. - IPLA-32

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPL1 SAMTEC-IPL1 Datasheet
216Kb / 1P
DISCRETE WIRE HEADER (2.54 mm) .100"
IPL1-102-01-L-D-RA-K SAMTEC-IPL1-102-01-L-D-RA-K Datasheet
216Kb / 1P
DISCRETE WIRE HEADER (2.54 mm) .100"
IPL1-102-01-L-D-RA-K-FR SAMTEC-IPL1-102-01-L-D-RA-K-FR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
IPL1-102-01-L-D-RA-K-TR SAMTEC-IPL1-102-01-L-D-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
IPL1-102-01-L-D-RE1-K SAMTEC-IPL1-102-01-L-D-RE1-K Datasheet
216Kb / 1P
DISCRETE WIRE HEADER (2.54 mm) .100"
More results


Similar Description - IPLA-32

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC128H ALLIED-PCHC128H Datasheet
587Kb / 1P
Power Choke High Current
PCHC1004H ALLIED-PCHC1004H Datasheet
1Mb / 4P
Power Choke High Current
PCHC1265HP ALLIED-PCHC1265HP Datasheet
1Mb / 3P
Power Choke High Current
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com