Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9241 Datasheet (PDF) - Vishay Siliconix

SI9241 Datasheet PDF - Vishay Siliconix
Part # SI9241
Download  SI9241 Download
File Size   135.2 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single-Ended Bus Transceiver

SI9241 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9241 Datasheet PDF - Vishay Siliconix

Part # SI9241
Download  SI9241 Click to download

File Size   135.2 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single-Ended Bus Transceiver

SI9241 Datasheet (HTML) - Vishay Siliconix


SI9241 Product details

• Operating Power Supply Range
6 V ≤ VBAT ≤ 36 V
• Reverse Battery Protection Down to VBAT ≥- 24 V
• Standby Mode With Very Low Current Consumption
IBAT(SB) = 1 µA at VDD = 0.5 V
• Low Quiescent Current in OFF Condition
IBAT = 120 µA and IDD ≤ 10 A
• ISO 9141 Compatible
• Overtemperature Shutdown Function For K Output
• Defined K Output OFF for Open GND
• Defined Receive Output Status for Open K Input
• Defined K Output OFF for TX Input Open
• Open Drain Fault Output
• 2 kV ESD
• Typical Transmit Speeds of 200 kBaud




Similar Part No. - SI9241

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9241A VISHAY-SI9241A Datasheet
147Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9241A VISHAY-SI9241A Datasheet
133Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9241AEY VISHAY-SI9241AEY Datasheet
60Kb / 5P
Single-Ended Bus Transcei
16-Feb-04
SI9241AEY VISHAY-SI9241AEY Datasheet
44Kb / 5P
Single-Ended Bus Transceiver
22-Jan-01
SI9241AEY-T1 VISHAY-SI9241AEY-T1 Datasheet
147Kb / 7P
Single-Ended Bus Transceiver
16-May-11
More results


Similar Description - SI9241

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6812B ATMEL-U6812B Datasheet
119Kb / 10P
Single-ended Bus Transceiver with Triple Buffer
logo
Vishay Siliconix
SI9243A VISHAY-SI9243A Datasheet
51Kb / 5P
Single-Ended Bus Transceiver
22-Jan-01
SI9241AEY VISHAY-SI9241AEY_01 Datasheet
44Kb / 5P
Single-Ended Bus Transceiver
22-Jan-01
logo
TEMIC Semiconductors
SI9243EY TEMIC-SI9243EY Datasheet
64Kb / 4P
Single-Ended Bus Transceiver
logo
Vishay Siliconix
SI9241A VISHAY-SI9241A Datasheet
147Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243A VISHAY-SI9243A_11 Datasheet
146Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243 VISHAY-SI9243 Datasheet
161Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9241A VISHAY-SI9241A_V01 Datasheet
133Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243 VISHAY-SI9243_V01 Datasheet
159Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9241EY VISHAY-SI9241EY Datasheet
37Kb / 4P
Single-Ended Bus Transceiver
27-Sep-96
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com