Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3612 Datasheet (PDF) - Microsemi Corporation

1N3612 Datasheet PDF - Microsemi Corporation
Part # 1N3612
Download  1N3612 Download
File Size   64.39 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MILITARY RECTIFIERS

1N3612 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3612 Datasheet PDF - Microsemi Corporation

Part # 1N3612
Download  1N3612 Click to download

File Size   64.39 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MILITARY RECTIFIERS

1N3612 Datasheet (HTML) - Microsemi Corporation


1N3612 Product details

DESCRIPTION
This “standard recovery” rectifier diode series is military qualified to MIL-PRF-19500/228 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 1.0 Amp rated rectifiers for working peak reverse voltages from 200 to 1000 volts are hermetically sealed with voidless-glass construction using an internal “Category I” metallurgical bond. These devices are similar in ratings to the 1N5614 thru 1N5622 series where surface mount MELF package configurations are available by adding a “US” suffix (see separate datasheet for 1N5614US thru 1N5622US). Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including fast and ultrafast device types in both through-hole and surface mount packages.

FEATURES
• Popular JEDEC registered 1N3611 thru 1N3614 and 1N3597 series
• Voidless hermetically sealed glass package
• Triple-Layer Passivation
• Internal “Category I” Metallurgical bonds
• Working Peak Reverse Voltage 200 to 1000 Volts.
• JAN, JANTX, and JANTXV available per MIL-PRF-19500/286 (for JANS, see 1N5614-5622 series)
• Surface mount equivalents also available in a square end-cap MELF configuration with “US” suffix (also see 1N5614US thru 1N5622US)

MAXIMUM RATINGS
• Junction & Storage Temperature: -65oC to +175oC
• Thermal Resistance: 38oC/W junction to lead at 3/8 inch (10 mm) lead length from body
• Average Rectified Forward Current (IO): 1.0 Amps @ TA = 100ºC and 0.30 Amps at 150ºC
• Forward Surge Current: 30 Amps @ 8.3 ms half-sine
• Solder Temperatures: 260ºC for 10 s (maximum)




Similar Part No. - 1N3612

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3612 MICROSEMI-1N3612 Datasheet
52Kb / 2P
MILITARY RECTIFIERS
logo
Semtech Corporation
1N3612 SEMTECH-1N3612 Datasheet
95Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Sensitron
1N3612 SENSITRON-1N3612 Datasheet
37Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
logo
EIC discrete Semiconduc...
1N3612 EIC-1N3612 Datasheet
82Kb / 1P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
Central Semiconductor C...
1N3612 CENTRAL-1N3612 Datasheet
112Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE SILICON RECTIFIERS 1.0 AMP, 200 THRU 1000 VOLTS
More results


Similar Description - 1N3612

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
MILITARY RECTIFIERS
1N4245 MICROSEMI-1N4245 Datasheet
41Kb / 2P
MILITARY RECTIFIERS
1N5186 MICROSEMI-1N5186 Datasheet
75Kb / 2P
RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY
1N5415 MICROSEMI-1N5415 Datasheet
79Kb / 2P
RECTIFIERS MILITARY APPROVED, FAST RECOVERY, 3AMP
1N5550 MICROSEMI-1N5550 Datasheet
78Kb / 2P
RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
1N5614 MICROSEMI-1N5614 Datasheet
53Kb / 2P
MILITARY RECTIFIERS
1N5615 MICROSEMI-1N5615 Datasheet
51Kb / 2P
MILITARY RECTIFIERS
JAN469-1 MICROSEMI-JAN469-1 Datasheet
95Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved
JANSPA25 MICROSEMI-JANSPA25 Datasheet
88Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
1N5802 MICROSEMI-1N5802 Datasheet
53Kb / 2P
ULTRA FAST MILITARY RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com