Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32501 Datasheet (PDF) - Vishay Siliconix

SIP32501 Datasheet PDF - Vishay Siliconix
Part # SIP32501
Download  SIP32501 Download
File Size   143.39 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4

SIP32501 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32501 Datasheet PDF - Vishay Siliconix

Part # SIP32501
Download  SIP32501 Click to download

File Size   143.39 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4

SIP32501 Datasheet (HTML) - Vishay Siliconix


SIP32501 Product details

• Low input voltage, 0.9 V to 2.5 V
• Low RON, 66 mΩ typical
• Fast turn on time
• Low quiescent current
• Low logic control with hysteresis
• Reverse current blocking when disabled
• Integrated pull down at EN pin
• Output discharge
• TDFN4 1.2 mm x 1.6 mm




Similar Part No. - SIP32501

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32501 VISHAY-SIP32501 Datasheet
181Kb / 11P
0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4
06-Jul-2020
SIP32501DNP-T1-GE4 VISHAY-SIP32501DNP-T1-GE4 Datasheet
181Kb / 11P
0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4
06-Jul-2020
SIP32501 VISHAY-SIP32501_V01 Datasheet
181Kb / 11P
0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4
06-Jul-2020
More results


Similar Description - SIP32501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
10/04-Data Sheet changed from REV. 0 to REV. A.
logo
Vishay Telefunken
SIP32451 TFUNK-SIP32451 Datasheet
199Kb / 13P
0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Analog Devices
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
logo
Vishay Siliconix
SIP32501 VISHAY-SIP32501_V01 Datasheet
181Kb / 11P
0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4
06-Jul-2020
SIP32452 VISHAY-SIP32452_V01 Datasheet
200Kb / 12P
0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
06-Jul-2020
SIP32454 VISHAY-SIP32454_V01 Datasheet
221Kb / 11P
0.8 V to 2.5 V, 28 mΩ, Slew Rate Controlled Load Switch in WCSP4
06-Jul-2020
logo
Analog Devices
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
logo
Renesas Technology Corp
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
logo
Nexperia B.V. All right...
BUK9J0R9-40H NEXPERIA-BUK9J0R9-40H Datasheet
282Kb / 12P
N-channel 40 V, 0.9 mΩ logic level MOSFET in LFPAK56E
7 October 2019
logo
NXP Semiconductors
MC33XS2410 NXP-MC33XS2410_V01 Datasheet
1Mb / 86P
Quad 100 mΩ / dual 50 mΩ, 3.0 V to 60 V high-side switch
Rev. 8 - 7 July 2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com