Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16TTS08FPPbF Datasheet (PDF) - Vishay Siliconix

16TTS08FPPbF Datasheet PDF - Vishay Siliconix
Part # 16TTS08FPPbF
Download  16TTS08FPPbF Download
File Size   145.76 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR TO-220AB FULL-PAK, 16 A

16TTS08FPPbF Datasheet (PDF)

Go To PDF Page Download Datasheet
16TTS08FPPbF Datasheet PDF - Vishay Siliconix

Part # 16TTS08FPPbF
Download  16TTS08FPPbF Click to download

File Size   145.76 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR TO-220AB FULL-PAK, 16 A

16TTS08FPPbF Datasheet (HTML) - Vishay Siliconix


16TTS08FPPbF Product details

The 16TTS..FPPbF High Voltage Series of silicon
controlled rectifiers are specifically designed for
medium power switching and phase control
applications. The glass passivation technology
used has reliable operation up to 125 °C junction
temperature.
Typical applications are in input rectification (soft start) and
these products are designed to be used with Vishay HPP
input diodes, switches and output rectifiers which are
available in identical package outlines.
Fully isolated package (VINS = 2500 VRMS) is UL E78996
approved
This product has been designed and qualified for industrial
level and lead (Pb)-free (“PbF” suffix).




Similar Part No. - 16TTS08FPPbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS08FPPBF VISHAY-16TTS08FPPBF Datasheet
605Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 16 A
26-May-08
More results


Similar Description - 16TTS08FPPbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS08FP VISHAY-16TTS08FP Datasheet
157Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 16 A
19-Jun-08
16TTS08FPPBF VISHAY-16TTS08FPPBF Datasheet
605Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 16 A
26-May-08
25TTSFP VISHAY-25TTSFP Datasheet
143Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 25 A
20-Jun-08
25TTSSPBF VISHAY-25TTSSPBF Datasheet
150Kb / 7P
Surface Mountable Phase Control SCR, 16 A
06-Aug-08
16TTS08SPBF VISHAY-16TTS08SPBF_10 Datasheet
627Kb / 7P
Surface Mountable Phase Control SCR, 16 A
08-Jun-10
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
Surface Mountable Phase Control SCR, 16 A
16-Jul-10
25TTS08SPBF VISHAY-25TTS08SPBF Datasheet
612Kb / 8P
Surface Mountable Phase Control SCR, 16 A
09-Jun-10
16TTSFP VISHAY-16TTSFP Datasheet
140Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 16 A
19-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com