Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16TTSS Datasheet (PDF) - Vishay Siliconix

16TTSS Datasheet PDF - Vishay Siliconix
Part # 16TTSS
Download  16TTSS Download
File Size   121.4 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mountable Phase Control SCR, 16 A

16TTSS Datasheet (PDF)

Go To PDF Page Download Datasheet
16TTSS Datasheet PDF - Vishay Siliconix

Part # 16TTSS
Download  16TTSS Click to download

File Size   121.4 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mountable Phase Control SCR, 16 A

16TTSS Datasheet (HTML) - Vishay Siliconix


16TTSS Product details

The 16TTS..S High Voltage Series of silicon controlled
rectifiers are specifically designed for medium power
switching and phase control applications. The glass
passivation technology used has reliable operation up to
125 °C junction temperature.
Typical applications are in input rectification (soft start) and
these products are designed to be used with Vishay HPP
input diodes, switches and output rectifiers which are
available in identical package outlines.
This product has been designed and qualified for industrial
level.




Similar Part No. - 16TTSS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16TTS IRF-16TTS Datasheet
251Kb / 6P
PHASE CONTROL SCR
16TTS IRF-16TTS Datasheet
98Kb / 7P
PHASE CONTROL SCR TO-220 FULLPAK
16TTS IRF-16TTS Datasheet
119Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS VISHAY-16TTS Datasheet
125Kb / 7P
Phase Control SCR, 10 A
16-Sep-08
logo
International Rectifier
16TTS08 IRF-16TTS08 Datasheet
93Kb / 7P
PHASE CONTROL SCR
More results


Similar Description - 16TTSS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS08SPBF VISHAY-16TTS08SPBF Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
02-Jul-08
25TTSSPBF VISHAY-25TTSSPBF Datasheet
150Kb / 7P
Surface Mountable Phase Control SCR, 16 A
06-Aug-08
16TTS08SPBF VISHAY-16TTS08SPBF_10 Datasheet
627Kb / 7P
Surface Mountable Phase Control SCR, 16 A
08-Jun-10
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
Surface Mountable Phase Control SCR, 16 A
16-Jul-10
25TTS08SPBF VISHAY-25TTS08SPBF Datasheet
612Kb / 8P
Surface Mountable Phase Control SCR, 16 A
09-Jun-10
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
Surface Mountable Phase Control SCR, 10 A
19-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com