Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCUT05E1-SD0 Datasheet (PDF) - Vishay Siliconix

VCUT05E1-SD0 Datasheet PDF - Vishay Siliconix
Part # VCUT05E1-SD0
Download  VCUT05E1-SD0 Download
File Size   174.76 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package

VCUT05E1-SD0 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCUT05E1-SD0 Datasheet PDF - Vishay Siliconix

Part # VCUT05E1-SD0
Download  VCUT05E1-SD0 Click to download

File Size   174.76 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package

VCUT05E1-SD0 Datasheet (HTML) - Vishay Siliconix


VCUT05E1-SD0 Product details

• Ultra compact CLP0603 package
• Low package height < 0.3 mm
• 1-line ESD protection
• AEC-Q101 qualified available
• Working range ± 5.5 V
• Low leakage current < 0.1 μA
• Low load capacitance CD < 14 pF
• ESD immunity acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• Lead plating: Au (e4)
• Lead material: Ni
• Topside coating




Similar Part No. - VCUT05E1-SD0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT05E1-SD0 VISHAY-VCUT05E1-SD0 Datasheet
180Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
27-Oct-2021
logo
Shanghai Leiditech Elec...
VCUT05E1-SD0 LEIDITECH-VCUT05E1-SD0 Datasheet
1Mb / 3P
1- Line Bi-directional TVS Diode
Rev : 01.06.2014
logo
Vishay Siliconix
VCUT05E1-SD0 VISHAY-VCUT05E1-SD0_V01 Datasheet
180Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
27-Oct-2021
More results


Similar Description - VCUT05E1-SD0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT05D1-SD0 VISHAY-VCUT05D1-SD0 Datasheet
113Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
01-Sep-11
VBUS05A1-SD0 VISHAY-VBUS05A1-SD0 Datasheet
219Kb / 10P
Low Capacitance Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
09-Jul-13
VCUT03E1-SD0 VISHAY-VCUT03E1-SD0 Datasheet
174Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
03-May-17
VCUT03F1-HD0 VISHAY-VCUT03F1-HD0 Datasheet
111Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode
16-Feb-18
VCUT10A1-SD0 VISHAY-VCUT10A1-SD0 Datasheet
106Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
17-May-2019
VCUT03E1-SD0 VISHAY-VCUT03E1-SD0_V01 Datasheet
180Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
27-Oct-2021
VCUT05E1-SD0 VISHAY-VCUT05E1-SD0_V01 Datasheet
180Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
27-Oct-2021
VCUT05G1-SD0 VISHAY-VCUT05G1-SD0 Datasheet
173Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
17-Sep-2021
VCUT10G1-SD0 VISHAY-VCUT10G1-SD0 Datasheet
105Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
17-Sep-2021
VCUT15G1-SD0 VISHAY-VCUT15G1-SD0 Datasheet
105Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in Silicon Package
17-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com