Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0504BAC Datasheet (PDF) - Littelfuse

SP0504BAC Datasheet PDF - Littelfuse
Part # SP0504BAC
Download  SP0504BAC Download
File Size   352.53 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Avalanche Diode Array in a Unipolar Chip Scale Package

SP0504BAC Datasheet (PDF)

Go To PDF Page Download Datasheet
SP0504BAC Datasheet PDF - Littelfuse

Part # SP0504BAC
Download  SP0504BAC Click to download

File Size   352.53 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Avalanche Diode Array in a Unipolar Chip Scale Package

SP0504BAC Datasheet (HTML) - Littelfuse


SP0504BAC Product details

TVS Avalanche Diode Array in a Unipolar Chip Scale Package

This family of avalanche diode arrays are designed for ESD protection and offered in an ultra small chip scale package.
The multi-channel devices are used to help protect sensitive digital or analog input circuits on data, signal, or control lines with unipolar voltage levels up to 5VDC.
The state-of-the-art structure is designed to suppress ESD and other transient over-voltage events to meet the International Electrotechnical Compatability (EMC transient immunity stantards IEC 61000-4-2 for Electrostatic Discharge Requirements).
The monolithic silicon devices are comprised of specially designed structures for transient voltage suppression (TVS). The size and shape of these structures has been tailored for transient protection. The low capacitance and clamp voltage are ideal for high speed signal line protection.

Features
• An Array of 4, 8 and 16 Avalanche Diodes in a ultra small Chip Scale
   Package (.65mm bump pitch)
• ESD Capability per HBM Standards
   - IEC 61000-4-2, Direct Discharge...............................25kV (Level 4)
   - IEC 61000-4-2, Air Discharge....................................30kV (Level 4)
   - MIL STD 833D (Method 3015.7) ..............................................30kV
• Signal line protection for applications up to 5VDC
• Fast response time...........................................................................< 1ns
• Low input capacitance ..........................................................39pF Typical
• Low clamp voltage ..................................................................12V Typical
• Low input leakage.....................................................................10uA Max
• Operating temperature range ............................................- 40°C to 85°C

Applications
• Cell phone handsets
• Personal Digital Assistants (PDA)
• Portable handheld equipment (Laptop, Palmtop computers)
• Computer port, keyboard (USB1.1)
• Set-Top Box (Audio and Video Ports)
• PCMCIA cards




Similar Part No. - SP0504BAC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0504BACT LITTELFUSE-SP0504BACT Datasheet
157Kb / 3P
Silicon Protection Circuits - TVS Avalanche Diode Array in a Unipolar Chip Scale Package
More results


Similar Description - SP0504BAC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0501BACT LITTELFUSE-SP0501BACT Datasheet
186Kb / 3P
TVS Diode Arrays - TVS Avalanche Diode in a Chip Scale Package
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
SP0504BACT LITTELFUSE-SP0504BACT Datasheet
157Kb / 3P
Silicon Protection Circuits - TVS Avalanche Diode Array in a Unipolar Chip Scale Package
SP0504BBCT LITTELFUSE-SP0504BBCT Datasheet
172Kb / 3P
SP0504BBCT - TVS Avalanche Diode Array in a Bipolar Chip Scale Package
logo
ON Semiconductor
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
200w chip scale tvs array
logo
Infineon Technologies A...
ESD200-B1-CSP0201 INFINEON-ESD200-B1-CSP0201_15 Datasheet
1Mb / 16P
Low Clamping Voltage TVS Diode in a Thin 0201 Chip Scale Package
Revision 1.0, 2013-05-21
ESD108-B1-CSP0201 INFINEON-ESD108-B1-CSP0201 Datasheet
867Kb / 17P
Ultra Low Capacitance TVS Diode in a Thin 0201 Chip Scale Package
Revision 1.3, 2015-01-19
logo
Littelfuse
SP0502BA LITTELFUSE-SP0502BA Datasheet
315Kb / 8P
Surface Mount TVS Avalanche Diode Array
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com