Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTA92QTA Datasheet (PDF) - Diodes Incorporated

FMMTA92QTA Datasheet PDF - Diodes Incorporated
Part # FMMTA92QTA
Download  FMMTA92QTA Download
File Size   389.38 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300V PNP HIGH VOLTAGE TRANSISTOR

FMMTA92QTA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMTA92QTA Datasheet PDF - Diodes Incorporated

Part # FMMTA92QTA
Download  FMMTA92QTA Click to download

File Size   389.38 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300V PNP HIGH VOLTAGE TRANSISTOR

FMMTA92QTA Datasheet (HTML) - Diodes Incorporated


FMMTA92QTA Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirements of Automotive Applications.

Features
• BVCEO > -300V
• IC = -200mA High Continuous Collector Current
• Complementary Type: FMMTA42Q
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FMMTA92QTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA92 ZETEX-FMMTA92 Datasheet
71Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA92 ZETEX-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
logo
Zetex Semiconductors
FMMTA92 ZETEX-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92 Datasheet
423Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR
Rev 5
More results


Similar Description - FMMTA92QTA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
PNP high-voltage transistor
1997 Apr 22
logo
Diodes Incorporated
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 7
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
300V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 1
FMMTA92 DIODES-FMMTA92_17 Datasheet
423Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR
Rev 5
FZT657 DIODES-FZT657_18 Datasheet
639Kb / 7P
300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 6
MJD350 DIODES-MJD350_18 Datasheet
673Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com