Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3842B Datasheet (PDF) - List of Unclassifed Manufacturers

AMC3842B Datasheet PDF - List of Unclassifed Manufacturers
Part # AMC3842B
Download  AMC3842B Download
File Size   365.03 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CURRENT MODE PWM CONTROLLER

AMC3842B Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC3842B Datasheet PDF - List of Unclassifed Manufacturers

Part # AMC3842B
Download  AMC3842B Click to download

File Size   365.03 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CURRENT MODE PWM CONTROLLER

AMC3842B Datasheet (HTML) - List of Unclassifed Manufacturers


AMC3842B Product details

[ADD Microtech Corp.]

DESCRIPTION
The AMC3842B/43B are fixed frequency current-mode PWM controllers specially designed for OFF-Line switching power supply and DC-to-DC converters with a minimum number of external components. These devices feature a trimmed oscillator for precise duty cycle control, a temperature compensated reference, high gain error amplifier, current sensing comparator, and high current totem pole output which is suitable for driving MOSFETs. The under voltage lock-out (U.V.L.O.) is designed to operated with 200µA typ. start-up current, allowing an efficient bootstrap supply voltage design. The U.V.L.O. thresholds for the AMC3842B are 16V (on) and 10V (off) which are ideal for off-line applications. The corresponding typical threshold for the AMC3843B are 8.4V (on) and 7.6V (off). The AMC3842B/43B can operated within 100% duty cycle.

FEATURES
■ Low Start-Up current ( typ. 200µA)
■ Optimized for Off-Line and DC-to-DC Converters
■ Maximum Duty Cycle
■ U.V.L.O. with Hysteresis
□ Operating Frequency Up to 500KHz
□ Internal Trimmed Bandgap Reference
□ High Current Totem Pole Output
□ Error Amplifier With Low Output Resistance
□ Available in 8-Pin Plastic DIP and Surface Mount 14-Pin S.O.I.C.
□ Identical pin assignment to earlier UC384X series.

APPLICATIONS
■ Off-line flyback or forward converters.
■ DC-to-DC buck or boost converter.
■ Monitor Power Supply




Similar Part No. - AMC3842B

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC3842B ADDTEK-AMC3842B Datasheet
216Kb / 11P
CURRENT MODE PWM CONTROLLER
OCTOBER 2006
More results


Similar Description - AMC3842B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC2846J TI-UC2846J Datasheet
463Kb / 8P
Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com