Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8620BR Datasheet (PDF) - Analog Devices

AD8620BR Datasheet PDF - Analog Devices
Part # AD8620BR
Download  AD8620BR Download
File Size   414.91 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier

AD8620BR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8620BR Datasheet PDF - Analog Devices

Part # AD8620BR
Download  AD8620BR Click to download

File Size   414.91 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier

AD8620BR Datasheet (HTML) - Analog Devices


AD8620BR Product details

GENERAL DESCRIPTION
The AD8610/AD8620 are very high precision JFET input amplifiers featuring ultralow offset voltage and drift, very low input voltage and current noise, very low input bias current, and wide bandwidth. Unlike many JFET amplifiers, the AD8610/AD8620 input bias current is low over the entire operating temperature range. The AD8610/AD8620 are stable with capacitive loads of
over 1000 pF in noninverting unity gain; much larger capacitive loads can be driven easily at higher noise gains. The AD8610/AD8620 swing to within 1.2 V of the supplies even with a 1 kΩ
load, maximizing dynamic range even with limited supply voltages. Outputs slew at 50 V/μs in either inverting or noninverting gain configurations, and settle to 0.01% accuracy in less than
600 ns. Combined with high input impedance, great precision and very high output drive, the AD8610/AD8620 are ideal amplifiers for driving high performance ADC inputs and buffering DAC converter outputs.

FEATURES
   Low noise: 6 nV/√Hz
   Low offset voltage: 100 μV maximum
   Low input bias current: 10 pA maximum
   Fast settling: 600 ns to 0.01%
   Low distortion
   Unity gain stable
   No phase reversal
   Dual-supply operation: ±5 V to ±13 V

APPLICATIONS
   Photodiode amplifier
   ATE
   Instrumentation
   Sensors and controls
   High performance filters
   Fast precision integrators
   High performance audio




Similar Part No. - AD8620BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8620BR AD-AD8620BR Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620BR-REEL AD-AD8620BR-REEL Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620BR-REEL7 AD-AD8620BR-REEL7 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620BRZ AD-AD8620BRZ Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620BRZ-REEL AD-AD8620BRZ-REEL Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results


Similar Description - AD8620BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610 Datasheet
41Kb / 4P
Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8510 AD-AD8510 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com