Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F32X Datasheet (PDF) - List of Unclassifed Manufacturers

C8051F32X Datasheet PDF - List of Unclassifed Manufacturers
Part # C8051F32X
Download  C8051F32X Download
File Size   3498.28 Kbytes
Page   256 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Full Speed USB, 16k ISP FLASH MCU Family

C8051F32X Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F32X Datasheet PDF - List of Unclassifed Manufacturers

Part # C8051F32X
Download  C8051F32X Click to download

File Size   3498.28 Kbytes
Page   256 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Full Speed USB, 16k ISP FLASH MCU Family

C8051F32X Datasheet (HTML) - List of Unclassifed Manufacturers


C8051F32X Product details

[Silabs]



SYSTEM OVERVIEW

C8051F320/1 devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features are listed below. Refer to Table 1.1 for specific product feature selection.



• High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)

• In-system, full-speed, non-intrusive debug interface (on-chip)

• Universal Serial Bus (USB) Function Controller with eight flexible endpoint pipes, integrated transceiver, and 1k FIFO RAM

• Supply Voltage Regulator (5V-to-3V)

• True 10-bit 200 ksps 17-channel single-ended/differential ADC with analog multiplexer

• On-chip Voltage Reference and Temperature Sensor

• On-chip Voltage Comparators (2)

• Precision programmable 12 MHz internal oscillator and 4x clock multiplier

• 16k bytes of on-chip FLASH memory

• 2304 total bytes of on-chip RAM (256 + 1k + 1k USB FIFO)

• SMBus/I2C, Enhanced UART, and Enhanced SPI serial interfaces implemented in hardware

• Four general-purpose 16-bit timers

• Programmable Counter/Timer Array (PCA) with five capture/compare modules and Watchdog Timer function

• On-chip Power-On Reset, VDD Monitor, and Missing Clock Detector

• 25/21 Port I/O (5V tolerant)



 




Similar Part No. - C8051F32X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F320 SILABS-C8051F320 Datasheet
452Kb / 8P
USB DRIVER CUSTOMIZATION
C8051F320 SILABS-C8051F320 Datasheet
399Kb / 2P
On-chip debug circuity gacilitates full speed, non-intrusive in-system debug (no emulator required)
C8051F320 SILABS-C8051F320 Datasheet
1Mb / 251P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320 Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
logo
Intersil Corporation
C8051F320 INTERSIL-C8051F320 Datasheet
231Kb / 3P
USB to PMBus Adapter and Cable
September 29, 2014
More results


Similar Description - C8051F32X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
Full Speed USB, 16 kB Flash MCU Family
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
Full Speed USB Flash MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
Full Speed USB Flash MCU Family
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F320 SILABS-C8051F320_09 Datasheet
1Mb / 251P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_V01 Datasheet
4Mb / 254P
Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com