Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2505L Datasheet (PDF) - International Rectifier

IRS2505L Datasheet PDF - International Rectifier
Part # IRS2505L
Download  IRS2505L Download
File Size   5594.01 Kbytes
Page   30 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Drives 1 x 70W HID lamp

IRS2505L Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2505L Datasheet PDF - International Rectifier

Part # IRS2505L
Download  IRS2505L Click to download

File Size   5594.01 Kbytes
Page   30 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Drives 1 x 70W HID lamp

IRS2505L Datasheet (HTML) - International Rectifier


IRS2505L Product details

Overview
The IRPLHID2A reference design kit consists of a complete ballast solution for a 70W HID lamp. The design contains an EMI filter, low voltage power supply, active power factor correction and a ballast control circuit using the IRS2573D. This demo board is intended to help with the evaluation of the IRS2573D HID ballast control IC, demonstrate PCB layout techniques and serve as an aid in the development of production ballasts using the IRS2573D.
   
Features
● Drives 1 x 70W HID lamp
● Input voltage range: 185-265 VAC
● High Power Factor / Low Total Harmonic Distortion
● Controlled ignition
● Low frequency square wave operation
● Lamp power and current control
● Open circuit and no-lamp protection
● Short circuit and lamp failure to warm-up protection
● Lamp end-of-life shutdown
● IRS2573DSPbF HID Ballast Control IC
   




Similar Part No. - IRS2505L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2505LPBF IRF-IRS2505LPBF Datasheet
235Kb / 11P
SOT-23 Boost PFC Control IC
IRS2505LPBF IRF-IRS2505LPBF Datasheet
422Kb / 11P
SOT-23 Boost PFC Control IC
logo
Infineon Technologies A...
IRS2505LPBF INFINEON-IRS2505LPBF Datasheet
965Kb / 19P
Boost PFC and SMPS Control IC
2015-9-2
logo
International Rectifier
IRS2505LPBF IRF-IRS2505LPBF_15 Datasheet
422Kb / 11P
SOT-23 Boost PFC Control IC
IRS2505LTRPBF IRF-IRS2505LTRPBF Datasheet
235Kb / 11P
SOT-23 Boost PFC Control IC
More results


Similar Description - IRS2505L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
HID Lamp DII Sockets
logo
Texas Instruments
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
HID Lamp Controller
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
HID Ballast for 70W Lamp Using the IRS2573D
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
HID LAMP CONTROLLER
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
HID Lamp Controller
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
Industrial drives Embedded drives
logo
FERYSTER Inductive Comp...
OBUD-TW1-70W-KARK FERYSTER-OBUD-TW1-70W-KARK Datasheet
152Kb / 1P
TW1-70W
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
HID Lamp Controller
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com