Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPL60R285P7 Datasheet (PDF) - Infineon Technologies AG

IPL60R285P7 Datasheet PDF - Infineon Technologies AG
Part # IPL60R285P7
Download  IPL60R285P7 Download
File Size   1321.83 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600V CoolMOS짧 P7 Power Transistor

IPL60R285P7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPL60R285P7 Datasheet PDF - Infineon Technologies AG

Part # IPL60R285P7
Download  IPL60R285P7 Click to download

File Size   1321.83 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600V CoolMOS짧 P7 Power Transistor

IPL60R285P7 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - IPL60R285P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R210P6 INFINEON-IPL60R210P6 Datasheet
1Mb / 15P
600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-05-16
IPL60R225CFD7 INFINEON-IPL60R225CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOS짧 CFD7 Power Transistor
Rev. 2.0, 2019-06-04
IPL60R225CFD7 INFINEON-IPL60R225CFD7 Datasheet
4Mb / 44P
3300 W 54 V bi-directional phase-shift fullbridge with 600 V CoolMOS CFD7 and XMC
Revision 1.0 2018-05-02
IPL60R255P6 INFINEON-IPL60R255P6 Datasheet
1Mb / 15P
Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-05-16
IPL60R299CP INFINEON-IPL60R299CP Datasheet
1Mb / 13P
600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
More results


Similar Description - IPL60R285P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R080P7 INFINEON-IPB60R080P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R120P7 INFINEON-IPB60R120P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R280P7 INFINEON-IPB60R280P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPD60R180P7S INFINEON-IPD60R180P7S Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-06-12
IPL60R085P7 INFINEON-IPL60R085P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPL60R125P7 INFINEON-IPL60R125P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPA60R360P7 INFINEON-IPA60R360P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-02
IPD60R280P7S INFINEON-IPD60R280P7S Datasheet
921Kb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-04-25
IPA60R080P7 INFINEON-IPA60R080P7 Datasheet
985Kb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-05-18
IPAW60R180P7S INFINEON-IPAW60R180P7S Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com