Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD3221N Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

MD3221N Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # MD3221N
Download  MD3221N Download
File Size   327.75 Kbytes
Page   26 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description DC-DC Converter Power IC

MD3221N Datasheet (PDF)

Go To PDF Page Download Datasheet
MD3221N Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # MD3221N
Download  MD3221N Click to download

File Size   327.75 Kbytes
Page   26 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description DC-DC Converter Power IC

MD3221N Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


MD3221N Product details

Outline
The MD3221N is a non-insulated DC-DC converter power IC incorporating a dedicated main switch MOSFET and a synchronous rectification MOSFET. Integration of a control IC and a power device in a single chip minimizes the effects of wiring and simplifies large-current power supply circuit design.

◆Features
□ Input voltage range of 4.5V to 20V.
□ Adjustable output voltage range of 0.8V to 14V.
□ Internal power MOSFET
□ High efficiency of 96% (Vi=5V, Vo=3.3V, Io=1A)
□ Over-Current protection function (external resistor not required)
□ Over temperature protection function
□ Remote ON / OFF function (current consumption at OFF : Typ . 25μA)
□ Switching frequency of 100kHz or 300kHz (external C.R not required)
□ The L Cut (Cut off derect) function
□ Ambient temperature range: -30℃ to 85℃




Similar Part No. - MD3221N

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MD3221N SHINDENGEN-MD3221N_17 Datasheet
243Kb / 4P
DC-DC Converter Power IC
More results


Similar Description - MD3221N

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MD1320N SHINDENGEN-MD1320N_17 Datasheet
237Kb / 4P
DC-DC Converter Power IC
MD1322F SHINDENGEN-MD1322F_17 Datasheet
238Kb / 4P
DC-DC Converter Power IC
MD1322N SHINDENGEN-MD1322N_17 Datasheet
240Kb / 4P
DC-DC Converter Power IC
MD1323R SHINDENGEN-MD1323R_17 Datasheet
241Kb / 4P
DC-DC Converter Power IC
MD1333N SHINDENGEN-MD1333N_17 Datasheet
242Kb / 3P
DC-DC Converter Power IC
MD1421N SHINDENGEN-MD1421N_17 Datasheet
240Kb / 4P
DC-DC Converter Power IC
MD1422N SHINDENGEN-MD1422N_17 Datasheet
241Kb / 4P
DC-DC Converter Power IC
MD1423N SHINDENGEN-MD1423N_17 Datasheet
242Kb / 4P
DC-DC Converter Power IC
MD3221R SHINDENGEN-MD3221R_17 Datasheet
240Kb / 4P
DC-DC Converter Power IC
MD3222N SHINDENGEN-MD3222N_17 Datasheet
243Kb / 4P
DC-DC Converter Power IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com