Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8083 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL8083 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL8083
Download  BL8083 Download
File Size   1250.01 Kbytes
Page   9 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description PMU with a Synchronous 18V 2A Buck and a CMOS 6V 1.5A LDO

BL8083 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL8083 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL8083
Download  BL8083 Click to download

File Size   1250.01 Kbytes
Page   9 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description PMU with a Synchronous 18V 2A Buck and a CMOS 6V 1.5A LDO

BL8083 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.




Similar Part No. - BL8083

ManufacturerPart #DatasheetDescription
logo
Bouffalo Lab Intelligen...
BL808 BOUFFALOALB-BL808 Datasheet
1Mb / 93P
2.4 GHz RF transceiver
Version: 1.1
logo
SHANGHAI BELLING CO., L...
BL8080 BELLING-BL8080 Datasheet
354Kb / 10P
HIGH INTEGRATED PWM CONTROLLER
BL8082 BELLING-BL8082 Datasheet
922Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
BL8082B BELLING-BL8082B Datasheet
932Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
BL8082BCKATR BELLING-BL8082BCKATR Datasheet
932Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
More results


Similar Description - BL8083

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108 Datasheet
257Kb / 10P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108_06 Datasheet
304Kb / 12P
2A, 6V, 740KHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
BL8089 BELLING-BL8089 Datasheet
774Kb / 7P
PMU with 2 Synchronous 6V 1.5A Bucks and 2 CMOS 6V 500mA LDOs
BL8087 BELLING-BL8087 Datasheet
695Kb / 6P
PMU with a Synchronous 1A Buck and a CMOS 500mA LDO
BL8086 BELLING-BL8086 Datasheet
788Kb / 7P
PMU with 1 Synchronous 6V 1.5A Buck and 2 CMOS 6V 500mA LDOs
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com