Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP10 Datasheet (PDF) - Littelfuse

LSP10 Datasheet PDF - Littelfuse
Part # LSP10
Download  LSP10 Download
File Size   503.82 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The Littelfuse LSP10 thermally protected Surge Protective

LSP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSP10 Datasheet PDF - Littelfuse

Part # LSP10
Download  LSP10 Click to download

File Size   503.82 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The Littelfuse LSP10 thermally protected Surge Protective

LSP10 Datasheet (HTML) - Littelfuse


LSP10 Product details

Description
The Littelfuse LSP10 thermally protected Surge Protective Device is a self-protected device which is specially designed to be used in outdoor and commercial LED lighting fxtures for transient overvoltage protection. It is constructed with Littelfuse thermally protected varistor technology. Its built-in thermal disconnect function provides additional protection to prevent catastrophic failure and fre hazard even under the extreme circumstances of varistor end-of-life or sustaining over voltage conditions. LSP10 series connected option allows clear indication of thermal fault protection by disconnecting power to luminaire thereby signally SPD module replacement. The LSP10 SPD facilitates customer’s product compliance to IEEE C62.41.2 Location Category C High and US Dept of Energy MSSLC Model Spec.

Features
• 20kA Maximum Discharge Current (Imax)m 8/20us
• Meets ANSI C82.77-5-2015: Location C High
• Meets ANSI C136.2-2015: Extreme Level
• Meets IEEE C62.41.2: Location Category C High
• Meets US Dept. of Energy MSSLC Model Spec.
• Parallel or Series connected options
• Thermally protected
• IP66 rated, dust-tight and water resistant
• IEC61643-11 Class II/ EN61643-11 Type 2 Compliant1
• 240Vac and 277Vac parts are available for Class I and Class II
   installation based on IEC luminaire protection classes.
   Please see details in Part Numbering System.
• CE Mark - Meets the requirements of Low Voltage
   and RoHS European Directives.




Similar Part No. - LSP10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LSP1000 MICROSEMI-LSP1000 Datasheet
322Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
LSP1000 MICROSEMI-LSP1000 Datasheet
109Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PIN Diodes TM
LSP1000 MICROSEMI-LSP1000_09 Datasheet
109Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PIN Diodes TM
LSP1002 MICROSEMI-LSP1002 Datasheet
322Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
LSP1002 MICROSEMI-LSP1002 Datasheet
109Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PIN Diodes TM
More results


Similar Description - LSP10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FBMOV LITTELFUSE-FBMOV Datasheet
656Kb / 3P
The Littelfuse FBMOV Series thermally protected and non-fragmenting varistor represents a new development in circuit protection.
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
The Littelfuse SMOV thermally protected varistor is a self-protected device.
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
Thermally protected
logo
Littelfuse
LSP LITTELFUSE-LSP_17 Datasheet
606Kb / 3P
LED Lighting Surge Protection Module > LSP10
LSP05 LITTELFUSE-LSP05 Datasheet
483Kb / 3P
The Littelfuse LSP05 thermally protected Surge Protective
LSP05GI LITTELFUSE-LSP05GI Datasheet
723Kb / 4P
Littelfuse?셲 LSP05GI thermally protected Surge Protective
LSP05GX LITTELFUSE-LSP05GX Datasheet
526Kb / 4P
Littelfuse?셲 LSP05G European version thermally protected
TMOV LITTELFUSE-TMOV Datasheet
1,021Kb / 8P
The Littelfuse TMOV짰 and iTMOV짰 thermally protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
The Littelfuse TMOV짰34S thermally protected varistor
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com