Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet (PDF) - ON Semiconductor

LP2950 Datasheet PDF - ON Semiconductor
Part # LP2950_18
Download  LP2950 Download
File Size   193.84 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Power Low Dropout Voltage Regulator

LP2950 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2950 Datasheet PDF - ON Semiconductor

Part # LP2950_18
Download  LP2950 Click to download

File Size   193.84 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Power Low Dropout Voltage Regulator

LP2950 Datasheet (HTML) - ON Semiconductor


LP2950 Product details

The LP2950 and LP2951 are micropower voltage regulators that are specifically designed to maintain proper regulation with an extremely low input−to−output voltage differential. These devices feature a very low quiescent bias current of 75 A and are capable of supplying output currents in excess of 100 mA. Internal current and thermal limiting protection is provided.

Features
• Low Quiescent Bias Current of 75 A
• Low Input−to−Output Voltage Differential of 50 mV at 100 A and
   380 mV at 100 mA
• 5.0 V, 3.3 V or 3.0 V ±0.5% Allows Use as a Regulator or Reference
• Extremely Tight Line and Load Regulation
• Requires Only a 1.0 F Output Capacitor for Stability
• Internal Current and Thermal Limiting
• NCV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q100
   Qualified and PPAP Capable
• These Devices are Pb−Free and RoHS Compliant

LP2951 Additional Features
• Error Output Signals an Out of Regulation Condition
• Output Programmable from 1.25 V to 29 V
• Logic Level Shutdown Input




Similar Part No. - LP2950_18

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LP2950 FCI-LP2950_1 Datasheet
384Kb / 8P
150mA Low Drop Out Voltage Regulators
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
Adjustable Micropower Voltage Regulators with Shutdown
More results


Similar Description - LP2950_18

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6250C AITSEMI-A6250C Datasheet
996Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW POWER LOW DROPOUT MIDDLE CURRENT
REV1.4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com