Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR1 Datasheet (PDF) - Infineon Technologies AG

BAR1 Datasheet PDF - Infineon Technologies AG
Part # BAR1
Download  BAR1 Download
File Size   848.04 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description RF switch, RF attenuator for frequencies above 10 MHz

BAR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAR1 Datasheet PDF - Infineon Technologies AG

Part # BAR1
Download  BAR1 Click to download

File Size   848.04 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description RF switch, RF attenuator for frequencies above 10 MHz

BAR1 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BAR1

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR1201D DEC-BAR1201D Datasheet
233Kb / 1P
12 AMP PR4 DIODE CELLS
BAR1202D DEC-BAR1202D Datasheet
233Kb / 1P
12 AMP PR4 DIODE CELLS
BAR1204D DEC-BAR1204D Datasheet
233Kb / 1P
12 AMP PR4 DIODE CELLS
BAR1206D DEC-BAR1206D Datasheet
233Kb / 1P
12 AMP PR4 DIODE CELLS
BAR1208D DEC-BAR1208D Datasheet
233Kb / 1P
12 AMP PR4 DIODE CELLS
More results


Similar Description - BAR1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
logo
Tyco Electronics
SW-114 MACOM-SW-114 Datasheet
97Kb / 2P
SP4T RF Switch 10 - 2000 MHz
SW-124 MACOM-SW-124 Datasheet
83Kb / 1P
SP4T RF Switch 10 - 1000 MHz
SW-114-PIN MACOM-SW-114-PIN Datasheet
136Kb / 3P
SP4T RF Switch, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-114-PIN MA-COM-SW-114-PIN Datasheet
55Kb / 3P
SP4T RF Switch, 10 - 2000 MHz
SW-121-PIN MA-COM-SW-121-PIN Datasheet
54Kb / 3P
SPST RF Switch, 10 - 1000 MHz
SW-124-PIN MA-COM-SW-124-PIN Datasheet
55Kb / 3P
SP4T RF Switch, 10 - 1000 MHz
logo
Peregrine Semiconductor
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
SP6T RF Switch, 10 MHz?? GHz
PE42482 PSEMI-PE42482 Datasheet
910Kb / 23P
SP8T RF Switch, 10 MHz?? GHz
PE426412 PSEMI-PE426412 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com