Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC8100 Datasheet (PDF) - List of Unclassifed Manufacturers

MOC8100 Datasheet PDF - List of Unclassifed Manufacturers
Part # MOC8100
Download  MOC8100 Download
File Size   55.79 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

MOC8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC8100 Datasheet PDF - List of Unclassifed Manufacturers

Part # MOC8100
Download  MOC8100 Click to download

File Size   55.79 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

MOC8100 Datasheet (HTML) - List of Unclassifed Manufacturers


MOC8100 Product details

[ISOCOM]

DESCRIPTION
The MOC8100 optically coupled isolator consists of infrared light emitting diode and NPN silicon photo transistor in a standard 6 pin dual in line plastic package.

FEATURES
• Options :-
   10mm lead spread - add G after part no.
   Surface mount - add SM after part no.
   Tape&reel - add SMT&R after part no.
• High Isolation Voltage (5.3kVRMS ,7.5kVPK )
• Low Input Current 1mA IF
• High Current Transfer Ratio (50% min)
• All electrical parameters 100% tested
• Custom electrical selections available

APPLICATIONS
• DC motor controllers
• Industrial systems controllers
• Measuring instruments
• Signal transmission between systems of different potentials and impedances




Similar Part No. - MOC8100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8100-M FAIRCHILD-MOC8100-M Datasheet
619Kb / 14P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
MOC8100-M FAIRCHILD-MOC8100-M Datasheet
609Kb / 14P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
MOC8100M FAIRCHILD-MOC8100M Datasheet
273Kb / 11P
General Purpose 6-Pin Phototransistor Optocouplers
More results


Similar Description - MOC8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N35X ETC1-4N35X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N25X ISOCOM-4N25X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2X ISOCOM-MCT2X Datasheet
63Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX83AG ISOCOM-CNX83AG Datasheet
46Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com