Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE363 Datasheet (PDF) - NTE Electronics

NTE363 Datasheet PDF - NTE Electronics
Part # NTE363
Download  NTE363 Download
File Size   23.17 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Amp, PO = 4W

NTE363 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE363 Datasheet PDF - NTE Electronics

Part # NTE363
Download  NTE363 Click to download

File Size   23.17 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Amp, PO = 4W

NTE363 Datasheet (HTML) - NTE Electronics


NTE363 Product details

Description:
The NTE363 is a 12.5V epitaxial silicon NPN planer transistor designed primarily for UHF communications.

Features:
● Designed for UHF Military and Commercial Equipment
● 4W (Min) with Greater than 8dB Gain
● Withstands Infinite VSWR Under Operating Conditions
● Low Inductance Stripline Package
● Emitter Stabilized




Similar Part No. - NTE363

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE36 NTE-NTE36 Datasheet
23Kb / 2P
Silicon Complementary Transistors AF Power Amplifier, High Current Switch
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE362 NTE-NTE362 Datasheet
72Kb / 2P
Silicon NPN Transistor RF Power
NTE365 NTE-NTE365 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 512MHz
More results


Similar Description - NTE363

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
NTE367 NTE-NTE367 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amplifier PO = 45W @ 512MHz
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
NTE224 NTE-NTE224 Datasheet
55Kb / 2P
Silicon NPN Transistor Final RF Power Output for CB PO = 4W, 50MHz
NTE350F NTE-NTE350F Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power AMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com