Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1256L Datasheet (PDF) - List of Unclassifed Manufacturers

P4C1256L Datasheet PDF - List of Unclassifed Manufacturers
Part # P4C1256L
Download  P4C1256L Download
File Size   84.38 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW POWER 32K x 8 STATIC CMOS RAM

P4C1256L Datasheet (PDF)

Go To PDF Page Download Datasheet
P4C1256L Datasheet PDF - List of Unclassifed Manufacturers

Part # P4C1256L
Download  P4C1256L Click to download

File Size   84.38 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW POWER 32K x 8 STATIC CMOS RAM

P4C1256L Datasheet (HTML) - List of Unclassifed Manufacturers


P4C1256L Product details

[Performance-Semiconductor]

DESCRIPTION
The P4C1256L is a 262,144-bit low power CMOS static RAM organized as 32Kx8. The CMOS memory requires no clocks or refreshing, and has equal access and cycle times. Inputs are fully TTL-compatible. The RAM operates from a single 5V±10% tolerance power supply.

FEATURES
■ VCC Current (Commercial/Industrial)
    — Operating: 70mA/85mA
    — CMOS Standby: 100µA/100µA
■ Access Times
    —55/70 (Commercial or Industrial)
■ Single 5 Volts ±10% Power Supply
■ Easy Memory Expansion Using CE and OE Inputs
■ Common Data I/O
■ Three-State Outputs
■ Fully TTL Compatible Inputs and Outputs
■ Advanced CMOS Technology
■ Automatic Power Down
■ Packages
    —28-Pin 600 mil DIP
    —28-Pin 330 mil SOP




Similar Part No. - P4C1256L

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-12CMBLF PYRAMID-P4C1256L-12CMBLF Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256L-12DMBLF PYRAMID-P4C1256L-12DMBLF Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256L-12FMBLF PYRAMID-P4C1256L-12FMBLF Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256L-12JMBLF PYRAMID-P4C1256L-12JMBLF Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
More results


Similar Description - P4C1256L

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM???
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
32K x 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
32K x 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
LOW POWER 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
32K x 8 LOW POWER CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com