Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS4002A Datasheet (PDF) - Infineon Technologies AG

BAS4002A Datasheet PDF - Infineon Technologies AG
Part # BAS4002A
Download  BAS4002A Download
File Size   806.42 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Reverse voltage: 40 V

BAS4002A Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS4002A Datasheet PDF - Infineon Technologies AG

Part # BAS4002A
Download  BAS4002A Click to download

File Size   806.42 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Reverse voltage: 40 V

BAS4002A Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BAS4002A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS4002A-RPP INFINEON-BAS4002A-RPP Datasheet
806Kb / 6P
Low VF Schottky Diode Array
2008-05-16
More results


Similar Description - BAS4002A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1540 DACHANG-MBRF1540 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 100 V Forward Current 15 A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com