Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS369 Datasheet (PDF) - Diotec Semiconductor

1SS369 Datasheet PDF - Diotec Semiconductor
Part # 1SS369
Download  1SS369 Download
File Size   119.71 Kbytes
Page   1 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Small Signal Schottky Diodes

1SS369 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS369 Datasheet PDF - Diotec Semiconductor

Part # 1SS369
Download  1SS369 Click to download

File Size   119.71 Kbytes
Page   1 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Small Signal Schottky Diodes

1SS369 Datasheet (HTML) - Diotec Semiconductor


1SS369 Product details

Features
    Very high switching speed Low junction capacitance Low leakage current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
    Signal processing, High-speed switching, Polarity protection Commercial grade 1)

Mechanical Data 1)
    Taped and reeled 3000 / 7“
    Weight approx. 0.005 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL = 1




Similar Part No. - 1SS369

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS369 TOSHIBA-1SS369 Datasheet
118Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Guangdong Kexin Industr...
1SS369 KEXIN-1SS369 Datasheet
32Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
SEMTECH ELECTRONICS LTD...
1SS369 SEMTECH_ELEC-1SS369 Datasheet
176Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
More results


Similar Description - 1SS369

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBH0230-G COMCHIP-CDBH0230-G Datasheet
105Kb / 4P
SMD Small Signal Schottky Diodes
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54_16 Datasheet
188Kb / 2P
SMD Small Signal Schottky Diodes
BAS40 DIOTEC-BAS40_17 Datasheet
191Kb / 2P
SMD Small Signal Schottky Diodes
BAS70 DIOTEC-BAS70_17 Datasheet
195Kb / 2P
SMD Small Signal Schottky Diodes
BAT54W DIOTEC-BAT54W_18 Datasheet
188Kb / 2P
SMD Small Signal Schottky Diodes
SD103AW DIOTEC-SD103AW_18 Datasheet
132Kb / 2P
SMD Small Signal Schottky Diodes
BAT54W DIOTEC-BAT54W_1 Datasheet
177Kb / 2P
SMD Small Signal Schottky Diodes
BAS40 DIOTEC-BAS40_18 Datasheet
192Kb / 2P
SMD Small Signal Schottky Diodes
BAS70 DIOTEC-BAS70_18 Datasheet
184Kb / 2P
SMD Small Signal Schottky Diodes
BAS70E DIOTEC-BAS70E Datasheet
179Kb / 2P
SMD Small Signal Schottky Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com