Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC13DN30NSFD Datasheet (PDF) - Infineon Technologies AG

BSC13DN30NSFD Datasheet PDF - Infineon Technologies AG
Part # BSC13DN30NSFD
Download  BSC13DN30NSFD Download
File Size   928.12 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM3 Power-Transistor, 300 V

BSC13DN30NSFD Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC13DN30NSFD Datasheet PDF - Infineon Technologies AG

Part # BSC13DN30NSFD
Download  BSC13DN30NSFD Click to download

File Size   928.12 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM3 Power-Transistor, 300 V

BSC13DN30NSFD Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BSC13DN30NSFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC130P03LSG INFINEON-BSC130P03LSG Datasheet
311Kb / 9P
OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
More results


Similar Description - BSC13DN30NSFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC077N12NS3G INFINEON-BSC077N12NS3G_15 Datasheet
1Mb / 13P
OptiMOSTM3 Power-Transistor, 120 V
Rev.2.8,2015-12-15
IPA045N10N3G INFINEON-IPA045N10N3G_16 Datasheet
1Mb / 10P
OptiMOSTM3 Power-Transistor, 100 V
Rev.2.4,2016-01-22
BSC350N20NSFD INFINEON-BSC350N20NSFD Datasheet
937Kb / 11P
OptiMOSTM3 Power-Transistor, 200 V
Rev.2.1,2016-12-05
BSC670N25NSFD INFINEON-BSC670N25NSFD Datasheet
932Kb / 11P
OptiMOSTM3 Power-Transistor, 250 V
Rev.2.1,2016-12-05
BSC220N20NSFD INFINEON-BSC220N20NSFD Datasheet
949Kb / 11P
OptiMOSTM3 Power-Transistor, 200 V
Rev.2.0,2018-03-14
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com