Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD60R180P7 Datasheet (PDF) - Infineon Technologies AG

IPD60R180P7 Datasheet PDF - Infineon Technologies AG
Part # IPD60R180P7
Download  IPD60R180P7 Download
File Size   1213.72 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600V CoolMOS짧 P7 Power Transistor

IPD60R180P7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPD60R180P7 Datasheet PDF - Infineon Technologies AG

Part # IPD60R180P7
Download  IPD60R180P7 Click to download

File Size   1213.72 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600V CoolMOS짧 P7 Power Transistor

IPD60R180P7 Datasheet (HTML) - Infineon Technologies AG


IPD60R180P7 Product details

MOSFET 600V CoolMOSª P7 Power Transistor

The CoolMOS™ 7th generation platform is a revolutionary technology for high voltage power MOSFETs, designed according to the superjunction (SJ) principle and pioneered by Infineon Technologies. The 600V CoolMOS™ P7 series is the successor to the CoolMOS™ P6 series. It combines the benefits of a fast switching SJ MOSFET with excellent ease of use, e.g. very low ringing tendency, outstanding robustness of body diode against hard commutation and excellent ESD capability. Furthermore, extremely low switching and conduction losses make switching applications even more efficient, more compact and much cooler.

Features
• Suitable for hard and soft switching (PFC and LLC) due to an outstanding commutation ruggedness
• Significant reduction of switching and conduction losses
• Excellent ESD robustness >2kV (HBM) for all products
• Better RDS(on)/package products compared to competition enabled by a low RDS(on)*A (below 1Ohm*mm²)
• Large portfolio with granular RDS(on) selection qualified for a variety of industrial and consumer grade applications according to JEDEC (J-STD20 and JESD22)

Benefits
• Ease of use and fast design-in through low ringing tendency and usage across PFC and PWM stages
• Simplified thermal management due to low switching and conduction losses
• Increased power density solutions enabled by using products with smaller footprint and higher manufacturing quality due to >2 kV ESD protection
• Suitable for a wide variety of applications and power ranges

Applications
   PFC, hard switching PWM and resonant switching power stages. e.g.PC Silverbox, Adapter, LCD & PDPTV, Lighting, Server, Telecom & UPS




Similar Part No. - IPD60R180P7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD60R180P7 ISC-IPD60R180P7 Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD60R180P7S INFINEON-IPD60R180P7S Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-06-12
logo
Inchange Semiconductor ...
IPD60R180P7 ISC-IPD60R180P7_V01 Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IPD60R180P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R080P7 INFINEON-IPB60R080P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R120P7 INFINEON-IPB60R120P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R280P7 INFINEON-IPB60R280P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPD60R180P7S INFINEON-IPD60R180P7S Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-06-12
IPL60R085P7 INFINEON-IPL60R085P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPL60R125P7 INFINEON-IPL60R125P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPA60R360P7 INFINEON-IPA60R360P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-02
IPD60R280P7S INFINEON-IPD60R280P7S Datasheet
921Kb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-04-25
IPA60R080P7 INFINEON-IPA60R080P7 Datasheet
985Kb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-05-18
IPAW60R180P7S INFINEON-IPAW60R180P7S Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com