Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP104SR Datasheet (PDF) - OSRAM GmbH

BP104SR Datasheet PDF - OSRAM GmbH
Part # BP104SR
Download  BP104SR Download
File Size   434.54 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Suitable for reflow soldering

BP104SR Datasheet (PDF)

Go To PDF Page Download Datasheet
BP104SR Datasheet PDF - OSRAM GmbH

Part # BP104SR
Download  BP104SR Click to download

File Size   434.54 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Suitable for reflow soldering

BP104SR Datasheet (HTML) - OSRAM GmbH


BP104SR Product details

Features:
• Suitable for reflow soldering
• Especially suitable for applications from 400 nm to 1100 nm
• Short switching time (typ. 20 ns)
• Suitable for SMT

Applications
• Photointerrupters
• Industrial electronics
• For control and drive circuits
• IR remote control of hi-fi and TV sets, video tape recorders, dimmers, remote controls of various equipment




Similar Part No. - BP104SR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S Datasheet
99Kb / 5P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Vishay Siliconix
BP104S VISHAY-BP104S Datasheet
113Kb / 5P
Silicon PIN Photodiode
24-Aug-11
BP104S VISHAY-BP104S Datasheet
114Kb / 5P
Silicon PIN Photodiode
24-Aug-11
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
More results


Similar Description - BP104SR

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
logo
List of Unclassifed Man...
HZ1206D102R-10 ETC2-HZ1206D102R-10 Datasheet
266Kb / 1P
LAND PATTERNS FOR REFLOW SOLDERING
logo
Vanlong Technology Co.,...
MD-MP VANLONG-MD-MP Datasheet
52Kb / 1P
Suitable for surface mount and reflow soldering
logo
Abracon Corporation
ASAK ABRACON-ASAK Datasheet
1Mb / 3P
Suitable for RoHS compliant reflow
11.09.15
ASVTX13 ABRACON-ASVTX13 Datasheet
1Mb / 4P
Suitable for RoHS complaint reflow
01.27.2017
logo
OSRAM GmbH
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
Suitable for reflow soldering
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
Suitable for reflow soldering
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com