Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8040 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL8040 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL8040
Download  BL8040 Download
File Size   537.94 Kbytes
Page   4 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description High Efficiency 1.2MHz 30V Boost LED Driver

BL8040 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL8040 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL8040
Download  BL8040 Click to download

File Size   537.94 Kbytes
Page   4 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description High Efficiency 1.2MHz 30V Boost LED Driver

BL8040 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.




Similar Part No. - BL8040

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8041 BELLING-BL8041 Datasheet
623Kb / 4P
High Efficiency 1.2MHz 30V Boost
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
More results


Similar Description - BL8040

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7128 ANPEC-APW7128 Datasheet
288Kb / 15P
30V, 1.2MHz, White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1934 AOSMD-AOZ1934 Datasheet
776Kb / 14P
High Efficiency Boost 20-, 30- LED Driver
logo
Anpec Electronics Corop...
APW7128 ANPEC-APW7128_10 Datasheet
275Kb / 16P
30V, 1.2MHz, White LED Driver
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
SHANGHAI BELLING CO., L...
BL8041 BELLING-BL8041 Datasheet
623Kb / 4P
High Efficiency 1.2MHz 30V Boost
logo
Shenzhen Huazhimei Semi...
HM1538B HMSEMI-HM1538B Datasheet
949Kb / 5P
1.2MHz, 30V BLAS Driver
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
High Efficiency 1.2MHz 30V BOOST LED Driver
HM5663 HMSEMI-HM5663 Datasheet
1Mb / 9P
1.2MHz,3V-24V Input High Efficiency Boost White LED Driver
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
1.2MHz, High Efficiency Boost White LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com