Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8064 Datasheet (PDF) - Leshan Radio Company

LR8064 Datasheet PDF - Leshan Radio Company
Part # LR8064
Download  LR8064 Download
File Size   527.97 Kbytes
Page   8 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 200mA Low Consumption Linear Regulator

LR8064 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR8064 Datasheet PDF - Leshan Radio Company

Part # LR8064
Download  LR8064 Click to download

File Size   527.97 Kbytes
Page   8 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 200mA Low Consumption Linear Regulator

LR8064 Datasheet (HTML) - Leshan Radio Company




Similar Part No. - LR8064

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
200mA Low Consumption Linear Regulator
More results


Similar Description - LR8064

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
200mA Low Consumption Linear Regulator
BL8064 BELLING-BL8064 Datasheet
671Kb / 9P
200mA Low Consumption Linear Regulator
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
200mA Low Consumption Linear Regulator
VER 1.2
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
10V Input, 200mA Low Consumption Current Regulator
logo
Leshan Radio Company
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
200mA Low Consumption Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE517C ACE-ACE517C Datasheet
923Kb / 9P
2A Low Consumption Linear Regulator
VER 1.2
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
200mA Low Consumption Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com