Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT863 Datasheet (PDF) - Integrated Device Technology

IDT74FCT863 Datasheet PDF - Integrated Device Technology
Part # IDT74FCT863
Download  IDT74FCT863 Download
File Size   75.06 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER

IDT74FCT863 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT863 Datasheet PDF - Integrated Device Technology

Part # IDT74FCT863
Download  IDT74FCT863 Click to download

File Size   75.06 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER

IDT74FCT863 Datasheet (HTML) - Integrated Device Technology


IDT74FCT863 Product details

DESCRIPTION:
The IDT54/74FCT800 series is built using an advanced dual metal CMOS technology.
The IDT54/74FCT860 series bus transceivers provide high-performance bus interface buffering for wide data/address paths or buses carrying parity. The IDT54/74FCT863 9-bit transceivers have NAND-ed output enables for maximum control flexibility.

FEATURES:
• Equivalent to AMD’s Am29861-64 bipolar registers in pinout/function, speed and output drive over full temperature and voltage supply extremes
• IDT54/74FCT861A/863A equivalent to FAST speed
• IDT54/74FCT861B/863B 25% faster than FAST
• High-speed symmetrical bidirectional transceivers
• IOL = 48mA (commercial) and 32mA (military)
• Clamp diodes on all inputs for ringing suppression
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than AMD’s bipolar Am29800 Series (5µA max.)
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT863

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT863A IDT-IDT74FCT863A Datasheet
90Kb / 8P
HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
IDT74FCT863B IDT-IDT74FCT863B Datasheet
90Kb / 8P
HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
More results


Similar Description - IDT74FCT863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
NXP Semiconductors
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
logo
System Logic Semiconduc...
SL74HC620 SLS-SL74HC620 Datasheet
49Kb / 5P
Octal 3-State Inverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
SL74HC640 SLS-SL74HC640 Datasheet
50Kb / 5P
Octal 3-State Inverting Bus Transceiver(High-Performance Silicon-Gate CMOS
logo
National Semiconductor ...
DP8308 NSC-DP8308 Datasheet
128Kb / 6P
8-Bit TRI-STATE Bidirectional Transceiver (Non-Inverting)
logo
Texas Instruments
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
logo
KODENSHI_AUK CORP.
KK74HC620A KODENSHI-KK74HC620A Datasheet
233Kb / 6P
Octal 3-State Inverting Bus Transceiver High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC620A IKSEMICON-IN74HC620A Datasheet
167Kb / 6P
Octal 3-State Inverting Bus Transceiver High-Performance Silicon-Gate CMOS
logo
Texas Instruments
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com