Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC573 Datasheet (PDF) - Integral Corp.

IN74AC573 Datasheet PDF - Integral Corp.
Part # IN74AC573
Download  IN74AC573 Download
File Size   218.03 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Noninverting Transparent Latch

IN74AC573 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC573 Datasheet PDF - Integral Corp.

Part # IN74AC573
Download  IN74AC573 Click to download

File Size   218.03 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Octal 3-State Noninverting Transparent Latch

IN74AC573 Datasheet (HTML) - Integral Corp.


IN74AC573 Product details

The IN74AC573 is identical in pinout to the LS/ALS573, HC/HCT573. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.

These latches appear transparent to data (i.e., the outputs change asynchronously) when Latch Enable is high. When Latch Enable goes low, data meeting the setup and hold time becomes latched.



• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 µA; 0.1 µA @ 25°C

• High Noise Immunity Characteristic of CMOS Devices

• Outputs Source/Sink 24 mA




Similar Part No. - IN74AC573

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC573 IKSEMICON-IN74AC573 Datasheet
260Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74AC573DW IKSEMICON-IN74AC573DW Datasheet
260Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74AC573N IKSEMICON-IN74AC573N Datasheet
260Kb / 6P
Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results


Similar Description - IN74AC573

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A Datasheet
199Kb / 8P
Octal 3-State Noninverting Transparent Latch
May, 2000 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC373 SLS-SL74HC373 Datasheet
53Kb / 5P
Octal 3-State Noninverting Transparent Latch
logo
Integral Corp.
IN74HC573 INTEGRAL-IN74HC573 Datasheet
117Kb / 5P
Octal 3-State Noninverting Transparent Latch
IN74ACT373 INTEGRAL-IN74ACT373 Datasheet
230Kb / 5P
OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
IN74ACT573 INTEGRAL-IN74ACT573 Datasheet
233Kb / 5P
OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
logo
KODENSHI_AUK CORP.
KK74HC573A KODENSHI-KK74HC573A Datasheet
274Kb / 6P
Octal 3-State Noninverting Transparent Latch
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
Motorola, Inc
MC54HC573A MOTOROLA-MC54HC573A Datasheet
235Kb / 7P
Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A_14 Datasheet
121Kb / 7P
Octal 3-State Noninverting Transparent Latch
August, 2014 ??Rev. 16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com