Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT9387 Datasheet (PDF) - SiTime Corp.

SIT9387 Datasheet PDF - SiTime Corp.
Part # SIT9387
Download  SIT9387 Download
File Size   474.46 Kbytes
Page   12 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 220 to 725 MHz Ultra-low Jitter Differential Oscillator

SIT9387 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIT9387 Datasheet PDF - SiTime Corp.

Part # SIT9387
Download  SIT9387 Click to download

File Size   474.46 Kbytes
Page   12 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 220 to 725 MHz Ultra-low Jitter Differential Oscillator

SIT9387 Datasheet (HTML) - SiTime Corp.




Similar Part No. - SIT9387

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT9386 SITIME-SIT9386 Datasheet
726Kb / 12P
AEC-Q100, Ultra-low Jitter Differential Oscillator
More results


Similar Description - SIT9387

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
Ultra-Low Jitter Programmable Oscillator
logo
SiTime Corp.
SIT9122 SITIME-SIT9122 Datasheet
345Kb / 8P
220-625 MHz High Performance Differential Oscillator
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
Standard Frequency Ultra-low Jitter Differential Oscillator
SIT9366 SITIME-SIT9366 Datasheet
375Kb / 12P
1 to 220 MHz Ultra-low Jitter Differential Oscillator
SIT9367 SITIME-SIT9367 Datasheet
375Kb / 12P
220 to 725 MHz Ultra-low Jitter Differential Oscillator
SIT9386 SITIME-SIT9386 Datasheet
726Kb / 12P
AEC-Q100, Ultra-low Jitter Differential Oscillator
SIT3372 SITIME-SIT3372 Datasheet
443Kb / 13P
1 MHz to 220 MHz Ultra-low Jitter Differential VCXO
SIT3373 SITIME-SIT3373 Datasheet
442Kb / 13P
220 MHz to 725 MHz Ultra-low Jitter Differential VCXO
logo
EUROQUARTZ limited
EQHJ EUROQUARTZ-EQHJ Datasheet
193Kb / 2P
Ultra-low jitter Oscillator 5.0MHz to 50.0MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com