Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9722A Datasheet (PDF) - Maxim Integrated Products

MAX9722A Datasheet PDF - Maxim Integrated Products
Part # MAX9722A
Download  MAX9722A Download
File Size   627.45 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown

MAX9722A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9722A Datasheet PDF - Maxim Integrated Products

Part # MAX9722A
Download  MAX9722A Click to download

File Size   627.45 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown

MAX9722A Datasheet (HTML) - Maxim Integrated Products


MAX9722A Product details

General Description
The MAX9722A/MAX9722B stereo headphone amplifiers are designed for portable equipment where board space is at a premium. The MAX9722A/MAX9722B use a unique, patented DirectDrive architecture to produce a ground-referenced output from a single supply, eliminating the need for large DC-blocking capacitors, which saves cost, board space, and component height. Additionally, the gain of the amplifier is set internally (-2V/V, MAX9722B) or adjusted externally (MAX9722A).

Features
♦ 2.4V to 5.5V Single-Supply Operation
♦ High PSRR (80dB at 217Hz) Eliminates LDO
♦ No Bulky DC-Blocking Capacitors Required
♦ Ground-Referenced Outputs Eliminate DC Bias Voltage on Headphone Ground Pin
♦ No Degradation of Low-Frequency Response Due to Output Capacitors
♦ Differential Inputs for Enhanced Noise Cancellation
♦ Adjustable Gain (MAX9722A) or Fixed -2V/V Gain (MAX9722B)
♦ 130mW per Channel into 32Ω
♦ Low 0.009% THD+N
♦ Integrated Click-and-Pop Suppression
♦ Low Quiescent Current (5.5mA)
♦ Short-Circuit and Thermal-Overload Protection
♦ ±8kV ESD-Protected Amplifier Outputs (Human Body Model)
♦ Available in a Space-Saving 16-Pin Thin QFN (3mm ✕ 3mm ✕ 0.8mm) Package

Applications
    Notebook and Desktop PCs
    MP3 Players
    Flat-Panel Monitors
    Cellular Phones
    Smart Phones
    PDAs
    Portable Audio Equipment




Similar Part No. - MAX9722A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9722A MAXIM-MAX9722A Datasheet
498Kb / 21P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
logo
Analog Devices
MAX9722A AD-MAX9722A Datasheet
520Kb / 21P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2 10/07
logo
Maxim Integrated Produc...
MAX9722AETE MAXIM-MAX9722AETE Datasheet
498Kb / 21P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
logo
Analog Devices
MAX9722AETE AD-MAX9722AETE Datasheet
520Kb / 21P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2 10/07
logo
Maxim Integrated Produc...
MAX9722AEUE MAXIM-MAX9722AEUE Datasheet
498Kb / 21P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
More results


Similar Description - MAX9722A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX97220A MAXIM-MAX97220A Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 0; 1/11
MAX97220A_1110 MAXIM-MAX97220A_1110 Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11
MAX97220A_V2 MAXIM-MAX97220A_V2 Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX97220A MAXIM-MAX97220A_14 Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com