Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM16706SP Datasheet (PDF) - SamHop Microelectronics Corp.

SM16706SP Datasheet PDF - SamHop Microelectronics Corp.
Part # SM16706SP
Download  SM16706SP Download
File Size   153.38 Kbytes
Page   15 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description 16-BIT CONSTANT CURRENT LED DRIVER

SM16706SP Datasheet (PDF)

Go To PDF Page Download Datasheet
SM16706SP Datasheet PDF - SamHop Microelectronics Corp.

Part # SM16706SP
Download  SM16706SP Click to download

File Size   153.38 Kbytes
Page   15 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description 16-BIT CONSTANT CURRENT LED DRIVER

SM16706SP Datasheet (HTML) - SamHop Microelectronics Corp.


SM16706SP Product details

GENERAL DESCRIPTION

The SM16706P/SP/F/FN are specifically designed for LED display constant current drivers.

This constant current output circuits is able to setup by external resistor (IOUT = 5 ~ 90mA).

This IC is monolithic integrated circuit designed to be used together with Bi-CMOS process.

The devices consist of 16bit shift register, latch, AND-GATE and Constant Current Drivers.



FEATURES

* Constant Current Output : can setup all output current with one resistor for 5 to 90mA.

* Maximum Clock Frequency : fCLK = 25 (MHz)

   (Cascade Connect Operate, Topr = 25°C)

* 5V CMOS Compatible Input

* 24 pin SKINY DIP,SDIP, SOP or SSOP package



 




Similar Part No. - SM16706SP

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
8-BIT CONSTANT CURRENT LED DRIVER
More results


Similar Description - SM16706SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
16-bit constant current LED driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com