Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWT676 Datasheet (PDF) - OSRAM GmbH

LWT676 Datasheet PDF - OSRAM GmbH
Part # LWT676
Download  LWT676 Download
File Size   219.48 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description white P-LCC-2 package, colored diffused resin

LWT676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LWT676 Datasheet PDF - OSRAM GmbH

Part # LWT676
Download  LWT676 Click to download

File Size   219.48 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description white P-LCC-2 package, colored diffused resin

LWT676 Datasheet (HTML) - OSRAM GmbH


LWT676 Product details

Features
• package: white P-LCC-2 package
• feature of the device: extremely wide viewing angle; ideal for backlighting and coupling in light guides
• color coordinates: x = 0.30, y = 0.32 acc. to CIE 1931 (white)
• typ. color temperature: 7300 K
• color reproduction index: 80
• viewing angle: extremely wide (120°)
• technology: GaN
• optical efficiency: 2 lm/W
• grouping parameter: luminous intensity, color coordinates
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to EOS/ESD-5.1-1993

Applications
• indoor displays
• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)
• interior automotive lighting. (e.g. dashboard backlighting, etc.)
• signal and symbol luminaire
• marker lights (e.g. steps, exit ways, etc.)
• general lighting




Similar Part No. - LWT676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LWT676 SIEMENS-LWT676 Datasheet
77Kb / 7P
Hyper TOPLED White LED
LWT676-L2 SIEMENS-LWT676-L2 Datasheet
77Kb / 7P
Hyper TOPLED White LED
LWT676-M1 SIEMENS-LWT676-M1 Datasheet
77Kb / 7P
Hyper TOPLED White LED
LWT676-M2 SIEMENS-LWT676-M2 Datasheet
77Kb / 7P
Hyper TOPLED White LED
LWT676-N1 SIEMENS-LWT676-N1 Datasheet
77Kb / 7P
Hyper TOPLED White LED
More results


Similar Description - LWT676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWE6SG OSRAM-LCWE6SG Datasheet
708Kb / 18P
white P-LCC-4 package, colored diffused silicone resin
LUWE6SG OSRAM-LUWE6SG Datasheet
379Kb / 17P
white P-LCC-4 package, colored diffused silicone resin
LWWWG6SG OSRAM-LWWWG6SG Datasheet
612Kb / 19P
white P-LCC-6 package, colored diffused silicone resin
LW-T67C OSRAM-LW-T67C Datasheet
609Kb / 23P
white PLCC-2 package, colored diffused resin
LW-T673 OSRAM-LW-T673 Datasheet
676Kb / 24P
white PLCC-2 package, colored diffused resin
LW-T676 OSRAM-LW-T676 Datasheet
219Kb / 15P
white P-LCC-2 package, colored diffused resin
LCB-T67S OSRAM-LCB-T67S Datasheet
647Kb / 24P
white PLCC-2 package, colored diffused resin
LCW-E6SG OSRAM-LCW-E6SG Datasheet
708Kb / 18P
white P-LCC-4 package, colored diffused silicone resin
LCW-G6SP OSRAM-LCW-G6SP Datasheet
699Kb / 21P
white P-LCC-6 package, colored diffused silicone resin
LUW-E6SG OSRAM-LUW-E6SG Datasheet
379Kb / 17P
white P-LCC-4 package, colored diffused silicone resin
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com