Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC14F Datasheet (PDF) - Toshiba Semiconductor

TC74AC14F Datasheet PDF - Toshiba Semiconductor
Part # TC74AC14F
Download  TC74AC14F Download
File Size   255.52 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX SCHMITT INVERTER

TC74AC14F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC14F Datasheet PDF - Toshiba Semiconductor

Part # TC74AC14F
Download  TC74AC14F Click to download

File Size   255.52 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX SCHMITT INVERTER

TC74AC14F Datasheet (HTML) - Toshiba Semiconductor


TC74AC14F Product details

Hex Schmitt Inverter

The TC74AC14 is an advanced high speed CMOS SCHMITT INVERTER fabricated with silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low pwer dissipation.
Pin configuration and function are the same as the TC74AC04 but the inputs have hysteresis and with its schmitt trigger function, the TC74AC14 can be used as a line receivers which will receive slow input signals.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• High speed: tpd = 5.3 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
                                                      Capability of driving 50 Ω
                                                      transmission lines.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F14




Similar Part No. - TC74AC14F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
264Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74AC14FN TOSHIBA-TC74AC14FN Datasheet
264Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74AC14FT TOSHIBA-TC74AC14FT Datasheet
264Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74AC14FT TOSHIBA-TC74AC14FT_12 Datasheet
218Kb / 8P
Hex Schmitt Inverter
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
More results


Similar Description - TC74AC14F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
25-Nov-1998
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com