Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSW6421 Datasheet (PDF) - BeRex Corporation

BSW6421 Datasheet PDF - BeRex Corporation
Part # BSW6421
Download  BSW6421 Download
File Size   1448.1 Kbytes
Page   13 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5MHz-6000MHz High Isolation Reflective SPDT RF switch

BSW6421 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSW6421 Datasheet PDF - BeRex Corporation

Part # BSW6421
Download  BSW6421 Click to download

File Size   1448.1 Kbytes
Page   13 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5MHz-6000MHz High Isolation Reflective SPDT RF switch

BSW6421 Datasheet (HTML) - BeRex Corporation




Similar Part No. - BSW6421

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
5MHz-6000MHz High Linearity Reflective SPDT RF switch
logo
Central Semiconductor C...
BSW65 CENTRAL-BSW65 Datasheet
56Kb / 1P
Small Signal Transistors
logo
NXP Semiconductors
BSW66 PHILIPS-BSW66 Datasheet
53Kb / 8P
NPN switching transistors
1997 May 05
logo
Central Semiconductor C...
BSW66 CENTRAL-BSW66 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BSW66 SEME-LAB-BSW66 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
More results


Similar Description - BSW6421

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250_14 Datasheet
808Kb / 9P
Reflective SPDT RF Switch
logo
TriQuint Semiconductor
TQP4M0009 TRIQUINT-TQP4M0009_15 Datasheet
609Kb / 8P
High Isolation Reflective SPDT Switch
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
5MHz-6000MHz High Linearity Reflective SPDT RF switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com