Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT33L Datasheet (PDF) - BeRex Corporation

BT33L Datasheet PDF - BeRex Corporation
Part # BT33L_18
Download  BT33L Download
File Size   2466.99 Kbytes
Page   19 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier

BT33L Datasheet (PDF)

Go To PDF Page Download Datasheet
BT33L Datasheet PDF - BeRex Corporation

Part # BT33L_18
Download  BT33L Click to download

File Size   2466.99 Kbytes
Page   19 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier

BT33L Datasheet (HTML) - BeRex Corporation




Similar Part No. - BT33L_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT33L BEREX-BT33L Datasheet
2Mb / 19P
100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
More results


Similar Description - BT33L_18

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGA-6618 RFMD-CGA-6618 Datasheet
427Kb / 10P
DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
TriQuint Semiconductor
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
2W High Linearity 5V 2-Stage Amplifier
logo
BeRex Corporation
BT33L BEREX-BT33L Datasheet
2Mb / 19P
100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_18 Datasheet
1Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
logo
Generalplus Technology ...
GPY0031A GENERALPLUS-GPY0031A Datasheet
2Mb / 27P
2.0W Audio Power Amplifier
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com