Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9161A Datasheet (PDF) - Monolithic Power Systems

MP9161A Datasheet PDF - Monolithic Power Systems
Part # MP9161A
Download  MP9161A Download
File Size   443.52 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23

MP9161A Datasheet (PDF)

Go To PDF Page Download Datasheet
MP9161A Datasheet PDF - Monolithic Power Systems

Part # MP9161A
Download  MP9161A Click to download

File Size   443.52 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23

MP9161A Datasheet (HTML) - Monolithic Power Systems


MP9161A Product details

DESCRIPTION
The MP9161A is a monolithic, step-down, switch-mode converter with built-in internal power MOSFETs. It achieves a 2A continuous output current from a 2.5V to 6V input voltage range with excellent load and line regulation. The output voltage is regulated as low as 0.6V.

FEATURES
• Very Low IQ: 17μA
• Default 1.5MHz Switching Frequency
• 1.5% VFB Accuracy
• EN and Power Good for Power Sequencing
• Wide 2.5V to 6V Operating Input Range
• Output Adjustable from 0.6V
• Up to 2A Output Current
• 100% Duty Cycle in Dropout
• 110mΩ and 60mΩ Internal Power MOSFET Switches
• Cycle-by-Cycle Over-Current Protection
• Short-Circuit Protection with Hiccup Mode
• Stable with Low ESR Output Ceramic Capacitors
• Available in a TSOT23-8 Package

APPLICATIONS
• Wireless/Networking Cards
• Portable Instruments
• Battery Powered Devices
• Low Voltage I/O System Power




Similar Part No. - MP9161A

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MP916 CADDOCK-MP916 Datasheet
249Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP916 CADDOCK-MP916 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP916 CADDOCK-MP916 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Monolithic Power System...
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
MP9162AGQH MPS-MP9162AGQH Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
More results


Similar Description - MP9161A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP2159A MPS-MP2159A Datasheet
459Kb / 15P
1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2161A MPS-MP2161A Datasheet
460Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP9159A MPS-MP9159A Datasheet
444Kb / 15P
1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com