Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS58C1001DCJ-20/IT Datasheet (PDF) - Austin Semiconductor

AS58C1001DCJ-20/IT Datasheet PDF - Austin Semiconductor
Part # AS58C1001DCJ-20/IT
Download  AS58C1001DCJ-20/IT Download
File Size   259.19 Kbytes
Page   19 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description EEPROM

AS58C1001DCJ-20/IT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS58C1001DCJ-20/IT Datasheet PDF - Austin Semiconductor

Part # AS58C1001DCJ-20/IT
Download  AS58C1001DCJ-20/IT Click to download

File Size   259.19 Kbytes
Page   19 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description EEPROM

AS58C1001DCJ-20/IT Datasheet (HTML) - Austin Semiconductor


AS58C1001DCJ-20/IT Product details

GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS58C1001 is a 1 Megabit CMOS Electrically Erasable Programmable Read Only Memory (EEPROM) organized as 131, 072 x 8 bits. The AS58C1001 is capable or in system electrical Byte and Page reprogrammability.
The AS58C1001 achieves high speed access, low power consumption, and a high level of reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology and CMOS process and circuitry technology.

FEATURES
• High speed: 150, 200, and 250ns
• Data Retention: 10 Years
• Low power dissipation, active current (20mW/MHz (TYP)), standby current (100µW(MAX))
• Single +5V (+10%) power supply
• Data Polling and Ready/Busy Signals
• Erase/Write Endurance (10,000 cycles in a page mode)
• Software Data protection Algorithm
• Data Protection Circuitry during power on/off
• Hardware Data Protection with RES pin
• Automatic Programming: Automatic Page Write: 10ms (MAX) 128 Byte page size




Similar Part No. - AS58C1001DCJ-20/IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS58C1001DCJ-20/IT AUSTIN-AS58C1001DCJ-20/IT Datasheet
294Kb / 22P
128K x 8 EEPROM EEPROM Memory
AS58C1001DCJ-20/IT AUSTIN-AS58C1001DCJ-20/IT Datasheet
351Kb / 21P
128K x 8 EEPROM EEPROM Memory
More results


Similar Description - AS58C1001DCJ-20/IT

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
logo
ON Semiconductor
NV24C02WF ONSEMI-NV24C02WF Datasheet
207Kb / 12P
EEPROM
May, 2018 ??Rev. 2
NV24C128WF ONSEMI-NV24C128WF Datasheet
193Kb / 13P
EEPROM
May, 2018 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com