Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3680GRE Datasheet (PDF) - Monolithic Power Systems

MPM3680GRE Datasheet PDF - Monolithic Power Systems
Part # MPM3680GRE
Download  MPM3680GRE Download
File Size   2555.15 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V 6A Step-Down Power Module in 12x12x4mm QFN

MPM3680GRE Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3680GRE Datasheet PDF - Monolithic Power Systems

Part # MPM3680GRE
Download  MPM3680GRE Click to download

File Size   2555.15 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V 6A Step-Down Power Module in 12x12x4mm QFN

MPM3680GRE Datasheet (HTML) - Monolithic Power Systems




Similar Part No. - MPM3680GRE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3682 MPS-MPM3682 Datasheet
1Mb / 19P
18V 10A Step-Down Power Module in 12x12x4mm QFN
MPM3682GRE MPS-MPM3682GRE Datasheet
1Mb / 19P
18V 10A Step-Down Power Module in 12x12x4mm QFN
MPM3683-10 MPS-MPM3683-10 Datasheet
741Kb / 24P
2.7V to 16V, 10A, Step-Down Power Module
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
MPM3683-7 MPS-MPM3683-7 Datasheet
827Kb / 26P
2.7V-16V, 8A, Step-Down Power Module in QFN (7x7x4mm) Package
7/27/2020
More results


Similar Description - MPM3680GRE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
DS6257A RICHTEK-DS6257A Datasheet
272Kb / 15P
6A, 18V, 500kHz, ACOTTM Step-Down Converter
logo
Monolithic Power System...
MPM3682 MPS-MPM3682 Datasheet
1Mb / 19P
18V 10A Step-Down Power Module in 12x12x4mm QFN
MPM3684 MPS-MPM3684 Datasheet
1Mb / 19P
18V 15A Step-Down Power Module in 12x15x4mm QFN
MPM3686 MPS-MPM3686 Datasheet
2Mb / 19P
18V 20A Step-Down Power Module in 12x15x4mm QFN
logo
Linear Technology
LTM4618EV LINER-LTM4618EV Datasheet
1Mb / 8P
6A Step-Down Power 關Module Regulator
logo
Monolithic Power System...
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
18V 6A Step-Down Power Module Evaluation Board
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
18V 15A Step-Down Power Module Evaluation Board
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
6A, 18V, Synchronous Step-Down Converter
June 2019
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
6A, 18V, Synchronous Step-Down Converter
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com